Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5116EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 16Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 17Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 18Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
16
______________________________________________________________________________________
the device remains powered. The nonvolatile register
maintains data even after power is removed. The
MAX5115/MAX5116 start up (power first applied) by
transferring the mute/power-down from the nonvolatile
to the volatile control register. The nonvolatile control
register is set to 00 hex at the factory.
Power-On Reset
Power-on reset (POR) circuitry controls the initializa-
tion of the MAX5115/MAX5116. A power-on reset
loads the volatile registers with the data stored in the
nonvolatile registers.
This initialization period takes 500µs (typ). During this
time, the DAC outputs are held in mute mode. At the
completion of the initialization period, the DAC outputs
update in accordance with the configuration register.
DAC Data
The 8-bit DAC data is decoded as offset binary, MSB
first, with 1 LSB = (VREFH_- VREFL_) / 256, and convert-
ed into the corresponding analog voltage as shown in
Table 9.
NONVOLATILE
(NV)
VOLATILE
(V)
FUNCTION
0
1
Read from VREG_
1
0
Read from NVREG_
Table 5. Volatile and Nonvolatile Read
Selection
R3
R2
R1
R0
FUNCTION
0
0
0
0
DAC0
0
0
0
1
DAC1
0
0
1
0
DAC2
0
0
1
1
DAC3
Table 6. DAC Read Selection
DATA BYTE
ADDRESS
BYTE
COMMAND BYTE
MSB
LSB
COMMAND
S
T
A
R
T
R/
W
A
C
K
C
7
C
6
C
5
C
4
C
3
C
2
C
1
C
0
A
C
K
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
STOP
Write VCTL
S
0
0
0
0
1
0
1
0
0
Control register*
P
Write NVCTL
S
0
0
0
1
0
0
1
0
0
Control register*
P
Write VCTL
and NVCTL
S
0
0
0
1
1
0
1
0
0
Control register*
P
Transfer
NVCTL to
VCTL
S
0
0
0
0
0
0
1
0
0
Control register*
P
Table 7. Mute/Power-Down Operation
*See Mute/Power-Down Control Register (Table 8).
BIT IN REGISTER
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
(LSB)
CONTROLLING
FUNCTION
Mute DAC3
Mute DAC2
Mute DAC1
Mute DAC0
Power-down
DAC3
Power-down
DAC2
Power-down
DAC1
Power-down
DAC0
Table 8. Mute/Power-Down Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com