Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5116EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
_______________________________________________________________________________________
5
INTEGRAL NONLINEARITY
vs. INPUT CODE
INPUT CODE
192
128
64
-0.5
0
0.5
1.0
1.5
2.0
-1.0
0256
INTEGRAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
3.0
3.5
4.0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
2.5
5.5
INTEGRAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.25
0.50
0.75
1.00
1.50
1.25
1.75
2.00
0
-40
85
DIFFERENTIAL NONLINEARITY
vs. INPUT CODE
INPUT CODE
192
128
64
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0256
DIFFERENTIAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
-1.25
-1.00
-0.75
-0.50
-0.25
0
-1.50
2.5
5.5
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-1.1
-1.0
-0.9
-0.8
-1.2
-40
85
OFFSET ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
0.2
0.3
0.4
0.5
0.1
2.5
5.5
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.25
0.30
0.35
0.40
0.20
-40
85
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
-0.18
-0.16
-0.14
-0.12
-0.10
-0.08
-0.06
-0.20
2.5
5.5
Typical Operating Characteristics
(VDD = +3V, VREFH_ = +3V, VREFL_ = GND, RL = 5k
Ω, CL = 100pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com