Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5116EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX5115/MAX5116 quad, 8-bit, digital-to-analog
converters (DACs) feature nonvolatile registers. These
nonvolatile registers store the DAC operating modes
and output states, allowing the DACs to initialize to
specified configurations at power-up.
Precision on-chip output buffers swing rail-to-rail, and
provide 8µs settling time. The I2C*-compatible, 2-wire
serial interface allows for a maximum clock frequency
of 400kHz.
The MAX5115 has independent high and low reference
inputs allowing maximum output voltage range flexibili-
ty. The MAX5116 has single high and low reference
inputs for all DACs to minimize trace count and save
board space. The reference rails accept voltage inputs
that range from ground to the positive supply rail.
The devices operate from a single +2.7V to +5.25V sup-
ply and consume 200µA per DAC. A software-controlled
power-down mode decreases supply current to less
than 25µA. A software-controlled mute mode sets each
DAC, or both DACs simultaneously, to their respective
REFL_ voltages. The MAX5116 also includes an asyn-
chronous MUTE input, that drives all DAC outputs simul-
taneously to their respective REFL_ voltages.
The MAX5115 is available in a 20-pin QSOP, and the
MAX5116 is available in a 16-pin QSOP package. Both
devices are specified for operation over the extended
(-40°C to +85°C) temperature range.
Applications
Digital Gain and Offset Adjustments
Programmable Attenuators
Portable Instruments
Power-Amp Bias Control
ATE Calibration
Laser Biasing
Features
♦ Nonvolatile Registers Initialize DACs to Stored
States
♦ +2.7V to +5.25V Single-Supply Operation
♦ Quad 8-Bit DACs with Independent High and Low
Reference Inputs
♦ Rail-to-Rail Output Buffers
♦ Low 200µA per DAC Supply Current
♦ Power-Down Mode Reduces Supply Current to
25µA (max)
♦ 400kHz, I2C-Compatible, 2-Wire Serial Interface
♦ Asynchronous MUTE Input (MAX5116)
♦ Small 16-/20-Pin QSOP Packages
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3586; Rev 0; 2/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
REFERENCE
INPUTS
MAX5115EEP
-40°C to +85°C
20 QSOP
4
MAX5116EEE
-40°C to +85°C
16 QSOP
1
*Purchase of I2C components from Maxim Integrated Products, Inc., or one of its sublicensed Associate Companies, conveys a
license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C
Standard Specification defined by Philips.
Pin Configuration and Typical Operating Circuit appear at
end of data sheet.
DAC0
NONVOLATILE/
VOLATILE
REGISTERS
DAC1
NONVOLATILE/
VOLATILE
REGISTERS
OUT0
OUT1
SCL
GND
REFL
VDD
REFH
SDA
A3
A2
A1
2-WIRE
SERIAL
INTERFACE/
CONTROL
MUTE
MAX5116
A0
DAC2
NONVOLATILE/
VOLATILE
REGISTERS
DAC3
NONVOLATILE/
VOLATILE
REGISTERS
OUT2
OUT3
DAC0
DAC1
DAC2
DAC3
Simplified Diagram


Similar Part No. - MAX5116EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5116EVKIT MAXIM-MAX5116EVKIT Datasheet
321Kb / 11P
MAX5116 Evaluation Kit
Rev 0; 9/08
More results

Similar Description - MAX5116EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Summit Microelectronics...
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
Serial Input, Quad 8-Bit Nonvolatile DACPOT
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
6/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com