Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5116EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted.)
VDD, A0, A1, A2, A3, SCL, SDA, MUTE.................-0.3V to +6.0V
OUT0, OUT1, OUT2, OUT3, REFH0, REFH1, REFH2,
REFH3, REFH, REFL0, REFL1, REFL2, REFL3,
REFL .......................................................-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin .........................................±50mA
Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
20-Pin QSOP (derate 9.1mW/°C above +70°C)...........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, GND = 0, REFH_ = VDD, REFL_ = GND, RLOAD = 5k
Ω, CL = 100pF, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at VDD = +3.0V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY
Resolution
8
Bits
Code range 0A hex to F0 hex
±1
Integral Nonlinearity
INL
Full code range
±2
LSB
Code range 0A hex to F0 hex
±0.5
Differential Nonlinearity (Note 2)
DNL
Full code range
±1
LSB
Offset Error
ZCE
Code = 0A hex
±20
mV
Offset Temperature Coefficient
Code = 0A hex
±20
µV/°C
Gain Error
Code = F0 hex (Note 3)
±1
LSB
Gain-Error Temperature
Coefficient
Code = F0 hex
±0.002
LSB/°C
Power-Supply Rejection Ratio
PSRR
Code = FF hex or 0A hex, VREFH_ = 2.5V,
VREFL_ = 0, f = DC
1
LSB/V
REFERENCE INPUT (REFH_, REFL_, REFH, REFL)
Input Voltage Range
VREFH_,
VREFL_
VREFH_
≥ VREFL_
0VDD
V
MAX5115
320
460
600
Input Resistance
MAX5116
80
115
150
k
Ω
Input-Resistance Temperature
Coefficient
±35
ppm/°C
Input Capacitance
10
pF
DAC OUTPUTS (OUT_)
Load Regulation
Code = F0 hex, RLOAD
≥ 5kΩ
±0.5
±1
LSB
Output Leakage
DAC powered down, not muted
±10
µA
Amplifier Output Resistance
0.5V
≤ VOUT_ ≤ (VDD - 0.5V)
0.5
Ω
DIGITAL INPUTS (A_, MUTE)
2.7V
≤ VDD < 3.6V
0.7 x
VDD
Input High Voltage (Note 4)
VIH
3.6V
≤ VDD ≤ 5.25V
2.52
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com