Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5116EEE Datasheet HTML 1Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 2Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 3Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 4Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 5Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 6Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 7Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, GND = 0, REFH_ = VDD, REFL_ = GND, RLOAD = 5k
Ω, CL = 100pF, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at VDD = +3.0V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
2.7V
≤ VDD < 3.6V
0.3 x
VDD
Input Low Voltage (Note 4)
VIL
3.6V
≤ VDD ≤ 5.25V
1.1
V
Input Hysteresis
VHYS
0.05 x
VDD
V
Input Leakage Current
IIN
VIN = 0 or VDD
±1
µA
Input Capacitance
CIN
10
pF
DIGITAL OUTPUT (SDA)
ISINK = 3mA
0.4
Output Low Voltage
VOL
ISINK = 6mA
0.6
V
Tri-State Leakage
IL
±1
µA
Tri-State Output Capacitance
COUT
15
pF
DYNAMIC PERFORMANCE
SCL to OUT_ Settling
tCOS
(Note 5)
8
µs
Crosstalk
(Note 6)
55
dB
VREFH_ = 2.5VP-P at 1kHz
65
Multiplying Signal-to-Noise Plus
Distortion
SINAD
VREFH_ = 2.5VP-P at 10kHz
52
dB
Multiplying Bandwidth
VREFH_ = 0.5VP-P, 3dB bandwidth
325
kHz
Reference Feedthrough
VREFH_ = 2.5VP-P at 10kHz (Note 7)
88
dB
Clock Feedthrough
2.5
nVs
Output Noise
eN
800
nV/
√Hz
Power-Up Time
tSDR
From power-down state
4
µs
Power-Down Time
tSDN
1.5
µs
INTERFACE PORTS (SCL, SDA)
VIL
0.3 x
VDD
Input Voltage
VIH
0.7 x
VDD
V
Input Hysteresis
VHYS
0.05 x
VDD
V
Input Current
IIN
±1
µA
Input Capacitance
CIN
5pF
POWER SUPPLIES
Power-Supply Voltage
VDD
2.70
5.25
V
Normal operation
0.8
1.3
Supply Current
IDD
ILOAD = 0, digital
inputs at GND or
VDD
During nonvolatile
write
2
mA
Power-Down Current
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com