Electronic Components Datasheet Search
  English  ▼

X  

MAX5116EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5116EEE
Description  Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5116EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5116EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5116EEE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial
Interface
12
______________________________________________________________________________________
Serial Interface
The MAX5115/MAX5116 feature an I2C-compatible, 2-
wire serial interface consisting of a bidirectional serial
data line (SDA) and a serial clock line (SCL). SDA and
SCL facilitate bidirectional communication between the
MAX5115/MAX5116 and the master at rates up to
400kHz (Figure 4). The master (typically a microcon-
troller) initiates data transfer on the bus and generates
SCL. SDA and SCL require pullup resistors (2.4k
Ω or
greater; see the Typical Operating Circuit). Optional
resistors (24
Ω) in series with SDA and SCL protect the
device inputs from high-voltage spikes on the bus lines.
Series resistors also minimize crosstalk and undershoot
of the bus signals.
I2C Compatibility
The MAX5115/MAX5116 are compatible with existing
I2C systems. SCL and SDA are high-impedance inputs;
SDA has an open-drain output. The Typical Operating
Circuit shows an I2C application. The communication
protocol supports standard I2C 8-bit communications.
The general call address is ignored, and CBUS formats
are not supported. The devices’ addresses are com-
patible with 7-bit I2C addressing protocol only. No 10-
bit address formats are supported.
Bit Transfer
One data bit transfers during each SCL rising edge.
Nine clock cycles are required to transfer the data into
or out of the MAX5115/MAX5116. The data on SDA
must remain stable during the high period of the SCL
clock pulse. Changes in SDA while SCL is high are
read as control signals (see the START and STOP
Conditions section). Both SDA and SCL idle high.
START and STOP Conditions
The master initiates a transmission with a START condi-
tion (S), a high-to-low transition on SDA with SCL high.
The master terminates a transmission with a STOP condi-
tion (P), a low-to-high transition on SDA while SCL is high
(Figure 5). A START condition from the master signals
the beginning of a transmission to the MAX5115/
MAX5116. The master terminates transmission by issu-
ing a STOP condition. The STOP condition frees the bus.
If a REPEATED START condition (Sr) is generated
instead of a STOP condition, the bus remains active.
Early STOP Conditions
The MAX5115/MAX5116 recognize a STOP condition at
any point during transmission except if a STOP condi-
tion occurs in the same high pulse as a START condi-
tion (Figure 6). This condition is not a legal I2C format.
REPEATED START Conditions
A REPEATED START (Sr) condition is used when the
bus master is writing to several I2C devices and does
not want to relinquish control of the bus. The
MAX5115/MAX5116 serial interface supports continu-
ous write operations with an Sr condition separating
them. Continuous read operations require Sr conditions
because of the change in direction of data flow.
tHD:STA
tHIGH
tR
tF
tHD:STA
S
Sr
ACK
SCL
SDA
tSU:STA
tSU:STO
tR
tF
tBUF
tLOW
tSU:DAT
tHD:DAT
PS
PARAMETERS ARE MEASURED FROM 30% TO 70%.
Figure 4. 2-Wire Serial-Interface Timing Diagram
SP
Sr
SCL
SDA
Figure 5. START and STOP Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com