Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 26Page - Cypress Semiconductor CYUSB306X Datasheet HTML 27Page - Cypress Semiconductor CYUSB306X Datasheet HTML 28Page - Cypress Semiconductor CYUSB306X Datasheet HTML 29Page - Cypress Semiconductor CYUSB306X Datasheet HTML 30Page - Cypress Semiconductor CYUSB306X Datasheet HTML 31Page - Cypress Semiconductor CYUSB306X Datasheet HTML 32Page - Cypress Semiconductor CYUSB306X Datasheet HTML 33Page - Cypress Semiconductor CYUSB306X Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 30 of 37
Errata
This section describes the errata for CX3. Details include errata trigger conditions, scope of impact, available workaround, and silicon
revision applicability. Contact your local Cypress Sales Representative if you have questions.
Part Numbers Affected
Qualification Status
Product Status: Production
Errata Summary
The following table defines the errata applicability to available EZ-USB CX3 SuperSpeed USB Controller family devices.
1. Turning off VDDIO1 during Normal, Suspend, and Standby modes causes the CX3 to stop working.
■ Problem Definition
Turning off the VDDIO1 during Normal, Suspend, and Standby modes will cause the CX3 to stop working.
■ Parameters Affected
N/A
■ Trigger Conditions
This condition is triggered when the VDDIO1 is turned off during Normal, Suspend, and Standby modes.
■ Scope Of Impact
CX3 stops working.
■ Workaround
VDDIO1 must stay on during Normal, Suspend, and Standby modes.
■ Fix Status
No fix. Workaround is required.
Part Number
Device Characteristics
CYUSB306x-xxxx
All Variants
Items
[Part Number]
Silicon Revision
Fix Status
1. Turning off VDDIO1 during Normal, Suspend, and
Standby modes causes the CX3 to stop working.
CYUSB306x-xxxx
All
Workaround provided
2. USB enumeration failure in USB boot mode when CX3
is self-powered.
CYUSB306x-xxxx
All
Workaround provided
3. Extra ZLP is generated by the COMMIT action in the
GPIF II state.
CYUSB306x-xxxx
All
Workaround provided
4. Invalid PID Sequence in USB 2.0 ISOC data transfer.
CYUSB306x-xxxx
All
Workaround provided
5. USB data transfer errors are seen when ZLP is followed
by data packet within same microframe.
CYUSB306x-xxxx
All
Workaround provided
6. Bus collision is seen when the I2C block is used as a
master in the I2C Multi-master configuration.
CYUSB306x-xxxx
All
Use CX3 in single-master
configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com