Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 6Page - Cypress Semiconductor CYUSB306X Datasheet HTML 7Page - Cypress Semiconductor CYUSB306X Datasheet HTML 8Page - Cypress Semiconductor CYUSB306X Datasheet HTML 9Page - Cypress Semiconductor CYUSB306X Datasheet HTML 10Page - Cypress Semiconductor CYUSB306X Datasheet HTML 11Page - Cypress Semiconductor CYUSB306X Datasheet HTML 12Page - Cypress Semiconductor CYUSB306X Datasheet HTML 13Page - Cypress Semiconductor CYUSB306X Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 10 of 37
Power
CX3 has the following power supply domains:
■ IO_VDDQ: This is a group of independent supply domains for
digital I/Os.
❐ VDDIO1: GPIO, I
2C, JTAG, XRST, XSHUTDOWN and REF-
CLK
❐ VDDIO2: UART and I
2S (except MCLK)
❐ VDDIO3: I
2S_MCLK and SPI
❐ CVDDQ: CLKIN
❐ VDD_MIPI: MIPI CSI-2 clock and data lanes
■ VDD: This is the supply voltage for the logic core. The nominal
supply-voltage level is 1.2 V. This supplies the core logic
circuits. The same supply must also be used for the following:
❐ AVDD: This is the 1.2 V supply for the PLL, crystal oscillator,
and other core analog circuits.
❐ U3TXVDDQ/U3RXVDDQ: These are the 1.2 V supply volt-
ages for the USB 3.0 interface.
■ VUSB: This is the 4 V to 6 V power supply for the USB I/O and
analog circuits. This supply powers the USB transceiver
through CX3’s internal voltage regulator. VUSB is internally
regulated to 3.3 V.
Note: The different power supplies have to be powered on or off
in a specific sequence as illustrated in Figure 4.
Power Modes
CX3 supports the following power modes:
■ Normal mode: This is the full-functional operating mode. The
internal CPU clock and the internal PLLs are enabled in this
mode.
❐ Normal operating power consumption does not exceed the
sum of ICC Core max and ICC USB max (see DC
Specifications on page 17 for current consumption
specifications).
❐ The I/O power supplies VDDIO2 and VDDIO3 can be turned off
when the corresponding interface is not in use. VDDIO1 should
never be turned off for normal operation.
■ Low-power modes (see Table 5 on page 11):
❐ Suspend mode with USB 3.0 PHY enabled
❐ Standby mode
❐ Core power-down mode
Figure 4. Power-up Sequence
VUSB
(VBUS)
VDD
(VDD, AVDD,
VDD_MIPI)
VDDIO1
CVDDQ, VDDIO2,
VDDIO3
CLK_IN, REFCLK
RESET#
MIPI_RESET
>= 1 ms
XRST
(Image Sensor RESET)
User programmable
in firmware
<= 10 ms
<= 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com