Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 5Page - Cypress Semiconductor CYUSB306X Datasheet HTML 6Page - Cypress Semiconductor CYUSB306X Datasheet HTML 7Page - Cypress Semiconductor CYUSB306X Datasheet HTML 8Page - Cypress Semiconductor CYUSB306X Datasheet HTML 9Page - Cypress Semiconductor CYUSB306X Datasheet HTML 10Page - Cypress Semiconductor CYUSB306X Datasheet HTML 11Page - Cypress Semiconductor CYUSB306X Datasheet HTML 12Page - Cypress Semiconductor CYUSB306X Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 9 of 37
Clocking
CX3 requires two clocks for normal operation:
1. A 19.2-MHz clock to be connected at the CLKIN pin
2. A 6-MHz to 40-MHz clock to be connected at the REFCLK pin
Clock inputs to CX3 must meet the phase noise and jitter require-
ments specified in Table 3 on page 9.
The input clock frequency is independent of the clock and data
rate of the CX3 core or any of the device interfaces (including the
CSI-2 Rx Port). The internal PLL applies the appropriate
clock-multiply option depending on the input frequency.
Note: REFCLK and CLKIN must have either separate clock
inputs or if the same source is used, the clock must be passed
through a buffer with two outputs and then connected to the clock
pins.
32-kHz Watchdog Timer Clock Input
CX3 includes a watchdog timer. The watchdog timer can be used
to interrupt the ARM926EJ-S core, automatically wake up the
CX3 in Standby mode, and reset the ARM926EJ-S core. The
watchdog timer runs a 32-kHz clock, which may be optionally
supplied from an external source on a dedicated CX3 pin.
The firmware can disable the watchdog timer.
Table 4 provides the requirements for the optional 32-kHz clock
input
Table 3. CX3 Input Clock Specifications
Parameter
Description
Specification
Units
Min
Max
Phase noise
100-Hz offset
–
–75
dB
1-kHz offset
–
–104
dB
10-kHz offset
–
–120
dB
100-kHz offset
–
–128
dB
1-MHz offset
–
–130
dB
Maximum frequency deviation
–
–
150
ppm
Duty cycle
–
30
70
%
Overshoot
–
–
3
%
Undershoot
–
–
–3
%
Rise time/fall time
–
–
3
ns
Table 4. 32-kHz Clock Input Requirements
Parameter
Min
Max
Units
Duty cycle
40
60
%
Frequency deviation
–
±200
ppm
Rise time/fall time
–
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com