Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 29Page - Cypress Semiconductor CYUSB306X Datasheet HTML 30Page - Cypress Semiconductor CYUSB306X Datasheet HTML 31Page - Cypress Semiconductor CYUSB306X Datasheet HTML 32Page - Cypress Semiconductor CYUSB306X Datasheet HTML 33Page - Cypress Semiconductor CYUSB306X Datasheet HTML 34Page - Cypress Semiconductor CYUSB306X Datasheet HTML 35Page - Cypress Semiconductor CYUSB306X Datasheet HTML 36Page - Cypress Semiconductor CYUSB306X Datasheet HTML 37Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 34 of 37
Document History Page
Document Title: CYUSB306X, EZ-USB® CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
Document Number: 001-87516
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
3994736
KUMR
05/09/2013 New datasheet
*A
4065766
KUMR
07/17/2013 Updated Logic Block Diagram.
Updated Pin Description.
Updated DC Specifications.
Replaced “VBUS” and “VBATT” by “VUSB” in all instances across the
document.
Updated in new template.
*B
4080302
KUMR
07/29/2013 Updated status as “Preliminary”.
*C
4088328
KUMR
08/06/2013 Updated Pin Configuration (Updated Figure ).
*D
4113754
KUMR
09/04/2013 Updated Clocking: Added a Note at the bottom of section.
Updated Pin Description.
Updated Table 6.
Updated DC Specifications:
Updated description of VDDIO2 parameter.
Updated description of VDDIO3 parameter.
Changed maximum value of ICC Core parameter from 200 mA to 380 mA.
*E
4188453
KUMR
11/14/2013 Changed status from Preliminary to Final.
Updated Features: Updated description.
Updated Applications: Updated description.
Updated Logic Block Diagram.
Updated Functional Overview.
Updated MIPI CSI-2 RX Interface.
Updated Additional Outputs: Updated description.
Updated Reset.
Updated Soft Reset: Updated description.
Updated Power.
Updated Power Modes.
Updated Table 5.
Updated “Methods of Entry” corresponding to “Suspend Mode with USB 3.0
PHY Enabled”.
Updated “Characteristics” corresponding to “Standby Mode”.
Updated EMI: Updated description.
Updated System-level ESD: Updated description.
Updated Pin Configuration:
Updated details of G4, H4, L4, F1, F5, E1, E5, E4, D1, D2, D3, D4, C1, C2,
D5, C11 pins in Figure .
Updated Pin Description.
Updated details in “Pin name” column for G4, H4, L4, F1, F5, E1, E5, E4, D1,
D2, D3, D4, C1, C2, D5, C11 pins.
Updated Absolute Maximum Ratings:
Removed “Ambient temperature with power applied”.
Removed “Static discharge voltage ESD protection levels”.
Renamed “Latch-up current” as “Maximum latch-up current” and updated the
values.
Updated DC Specifications:
Updated details in “Notes” column corresponding to VIH1 and VIH2 parameters.
Updated description of IOZ parameter.
Updated minimum value of ISB1 and ISB3 parameters.
Updated details in “Notes” column corresponding to ISB1 and ISB3 parameters.
Added MIPI D-PHY Electrical Characteristics.
Updated AC Timing Parameters.
Updated MIPI Data to Clock Timing Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com