Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 15Page - Cypress Semiconductor CYUSB306X Datasheet HTML 16Page - Cypress Semiconductor CYUSB306X Datasheet HTML 17Page - Cypress Semiconductor CYUSB306X Datasheet HTML 18Page - Cypress Semiconductor CYUSB306X Datasheet HTML 19Page - Cypress Semiconductor CYUSB306X Datasheet HTML 20Page - Cypress Semiconductor CYUSB306X Datasheet HTML 21Page - Cypress Semiconductor CYUSB306X Datasheet HTML 22Page - Cypress Semiconductor CYUSB306X Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 19 of 37
AC Timing Parameters
MIPI Data to Clock Timing Reference
Figure 6. MIPI CSI Signal Data to Clock Timing Reference
Reference Clock Specifications
TSETUP
THOLD
0.5UIINST +
TSKEW
Reference Time
1 UIINST
TCLKp
CLKp
CLKn
Table 7. MIPI Data to Clock Timing Reference
Parameter
Description
Min
Max
Units
TSKEW
Data to clock skew measured at the transmitter
–0.15
0.15
UIINST
TSETUP
Data to clock setup time at receiver
0.15
–
UIINST
THOLD
Clock to data hold time at receiver
0.15
–
UIINST
UIINST
One data bit time (instantaneous)
1
12.5
ns
TCLKp
Period of dual data rate clock
2
25
ns
Table 8. Reference Clock Specifications
Parameter
Description
Min
Max
Units
Notes
RefClk
Reference clock frequency
6
40
MHz
–
RefclkDutyCyl Duty cycle
40%
60%
–
–
RefClkPJ
Reference clock input period jitter
-100
100
ps
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com