Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYUSB306X Datasheet HTML 1Page - Cypress Semiconductor CYUSB306X Datasheet HTML 2Page - Cypress Semiconductor CYUSB306X Datasheet HTML 3Page - Cypress Semiconductor CYUSB306X Datasheet HTML 4Page - Cypress Semiconductor CYUSB306X Datasheet HTML 5Page - Cypress Semiconductor CYUSB306X Datasheet HTML 6Page - Cypress Semiconductor CYUSB306X Datasheet HTML 7Page - Cypress Semiconductor CYUSB306X Datasheet HTML 8Page - Cypress Semiconductor CYUSB306X Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 5 of 37
Functional Overview
Cypress’s EZ-USB CX3 is the next-generation bridge controller
that can connect devices with the Mobile Industry Processor
Interface – Camera Serial Interface 2 (MIPI CSI-2) interface to
any USB 3.0 Host.
CX3 has a 4-lane CSI-2 receiver with up to 1 Gbps on each lane.
It supports video data formats such as RAW8/10/12/14, YUV422
(CCIR/ITU 8/10-bit), RGB888/666/565, and user-defined 8-bit.
CX3 has integrated the USB 3.0 and USB 2.0 physical layers
(PHYs) along with a 32-bit ARM926EJ-S microprocessor for
powerful data processing and for building custom applications.
CX3 contains 512 KB of on-chip SRAM (see Ordering
Information on page 27) for code and data. EZ-USB CX3 also
provides interfaces to connect to serial peripherals such as
UART, SPI, I2C, and I2S.
CX3 comes with application development tools. The software
development kit comes with application examples for acceler-
ating time-to-market.
CX3 complies with the USB 3.0 v1.0 specification and is also
backward compatible with USB 2.0. It also complies with the
MIPI CSI-2 v1.01, revision 0.04 specification dated 2nd April
2009.
Application Examples
In a typical application (see Figure 1), CX3 acts as the main
processor and connects to an image sensor, an audio device, or
camera control devices amongst others.
Figure 1. EZ-USB CX3 Example Application
Image
sensor
EZ-USB CX3
Autofocus, Pan, Tilt, Zoom,
Shutter control, Lighting, etc.
Audio
input
Audio
output
USB
Host
Clock
6-40 MHz
Clock
19.2 MHz
Power
subsystem
U
S
B
MIPI CSI-2
RX
I2C
I2S
SPI
REFCLK
CLKIN
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com