Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 27Page - Cypress Semiconductor CYUSB306X Datasheet HTML 28Page - Cypress Semiconductor CYUSB306X Datasheet HTML 29Page - Cypress Semiconductor CYUSB306X Datasheet HTML 30Page - Cypress Semiconductor CYUSB306X Datasheet HTML 31Page - Cypress Semiconductor CYUSB306X Datasheet HTML 32Page - Cypress Semiconductor CYUSB306X Datasheet HTML 33Page - Cypress Semiconductor CYUSB306X Datasheet HTML 34Page - Cypress Semiconductor CYUSB306X Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 31 of 37
2. USB enumeration failure in USB boot mode when CX3 is self-powered.
■ Problem Definition
CX3 device may not enumerate in USB boot mode when it is self-powered. The bootloader is designed for bus power mode. It
does not make use of the VUSB pin on the USB connector to detect the USB connection and expect that USB bus is connected
to host if it is powered. If CX3 is not already connected to the USB host when it is powered, then it enters into low-power mode
and does not wake up when connected to USB host.
■ Parameters Affected
N/A
■ Trigger Conditions
This condition is triggered when CX3 is self-powered in USB boot mode.
■ Scope of Impact
Device does not enumerate
■ Workaround
Reset the device after connecting to USB host.
■ Fix Status
No fix. Workaround is required.
3. Extra ZLP is generated by the COMMIT action in the GPIF II state.
■ Problem Definition
When COMMIT action is used in a GPIF-II state without IN_DATA action then an extra Zero Length Packet (ZLP) is committed
along with the data packets.
■ Parameters Affected
N/A
■ Trigger Conditions
This condition is triggered when COMMIT action is used in a state without IN_DATA action.
■ Scope of Impact
Extra ZLP is generated.
■ Workaround
Use IN_DATA action along with COMMIT action in the same state.
■ Fix Status
No fix. Workaround is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com