Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 4Page - Cypress Semiconductor CYUSB306X Datasheet HTML 5Page - Cypress Semiconductor CYUSB306X Datasheet HTML 6Page - Cypress Semiconductor CYUSB306X Datasheet HTML 7Page - Cypress Semiconductor CYUSB306X Datasheet HTML 8Page - Cypress Semiconductor CYUSB306X Datasheet HTML 9Page - Cypress Semiconductor CYUSB306X Datasheet HTML 10Page - Cypress Semiconductor CYUSB306X Datasheet HTML 11Page - Cypress Semiconductor CYUSB306X Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 8 of 37
The I2C controller supports bus frequencies of 400 kHz, and
1 MHz. When VDDIO1 is 1.8 V, 2.5 V, or 3.3 V, the operating
frequencies supported are 400 kHz and 1 MHz. The I2C
controller supports the clock-stretching feature to enable slower
devices to exercise flow control.
The I2C interface’s SCL and SDA signals require external pull-up
resistors. The pull-up resistors must be connected to VDDIO1.
Note: I2C addresses with the pattern 0x0000111x are used inter-
nally and no slave devices with those addresses should be
connected to the bus.
I2S Interface
CX3 has an I2S port to support external audio codec devices.
CX3 functions as I2S Master as transmitter only. The I2S
interface consists of four signals: clock line (I2S_CLK), serial
data line (I2S_SD), word select line (I2S_WS), and master
system clock (I2S_MCLK). CX3 can generate the system clock
as an output on I2S_MCLK or accept an external system clock
input on I2S_MCLK.
The sampling frequencies supported by the I2S interface are
32 kHz, 44.1 kHz, and 48 kHz.
SPI Interface
CX3 supports an SPI Master interface on the Serial Peripherals
port. The maximum operation frequency is 33 MHz.
The SPI controller supports four modes of SPI communication
(see SPI Timing Specification on page 24 for details on the
modes) with the Start-Stop clock. This controller is a
single-master controller with a single automated SSN control. It
supports transaction sizes ranging from 4 bits to 32 bits.
Boot Options
CX3 can load boot images from various sources, selected by the
configuration of the PMODE pins. Following are the CX3 boot
options:
Boot from USB
Boot from I2C
Boot from SPI (SPI devices supported are M25P16 (16 Mbit),
M25P80 (8 Mbit), and M25P40 (4 Mbit)) or their equivalents
Reset
Hard Reset
A hard reset is initiated by asserting the RESET# pin on CX3.
The specific reset sequence and timing requirements are
detailed in Figure 11 on page 26 and Table 14 on page 26. All
I/Os are tristated during a hard reset.
An additional reset pin called MIPI_RESET is provided that
resets the MIPI CSI-2 core. It should be pulled down with a
resistor for normal operation.
Soft Reset
There are two types of Soft Reset:
CPU Reset – The CPU Program Counter is reset. Firmware
does not need to be reloaded following a CPU Reset.
Whole Device Reset – This reset is identical to Hard Reset.
The firmware must be reloaded following a Whole Device
Reset.
Table 2. CX3 Booting Options
PMODE[2:0][1]
Boot From
F11
USB boot
F1F
I2C, On failure, USB boot is enabled
1FF
I2C only
0F1
SPI, On failure, USB boot is enabled
Note
1. F indicates Floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com