Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 3Page - Cypress Semiconductor CYUSB306X Datasheet HTML 4Page - Cypress Semiconductor CYUSB306X Datasheet HTML 5Page - Cypress Semiconductor CYUSB306X Datasheet HTML 6Page - Cypress Semiconductor CYUSB306X Datasheet HTML 7Page - Cypress Semiconductor CYUSB306X Datasheet HTML 8Page - Cypress Semiconductor CYUSB306X Datasheet HTML 9Page - Cypress Semiconductor CYUSB306X Datasheet HTML 10Page - Cypress Semiconductor CYUSB306X Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 7 of 37
MIPI CSI-2 RX Interface
The Mobile Industry Processor Interface (MIPI) association
defined the Camera Serial Interface 2 (CSI-2) standard to enable
image data to be sent on high-bandwidth serial lines.
CX3 implements a MIPI CSI-2 Receiver with the following
features:
1. It can receive clock and data in 1, 2, 3, or 4 lanes.
(CYUSB3065 part supports up to four lanes; CYUSB3064 part
supports up to two lanes)
2. Up to 1 Gbps of data on each CSI lane is supported (total
maximum bandwidth should not exceed 2.4 Gbps).
3. Video formats such as RAW8/10/12/14, YUV422 (CCIR/ITU
8/10-bit), RGB888/666/565, and User-Defined 8-bit are
supported
4. A CCI interface (compatible with 100-kHz or 400-kHz I2C
interface with 7-bit addressing) is provided to configure the
sensor.
5. GPIOs are available for synchronization of external flash or
lighting system with image sensors to illuminate the scene
that improves the image quality by improving Signal to noise
ratio.
6. GPIOs can also be used to synchronize the image sensor with
external events, so that image can be captured based on
external event.
7. Serial interfaces (such as I2C, I2S, SPI, UART) are available
to implement camera functions such as Auto focus and Pan,
Tilt, Zoom (PTZ)
Additional Outputs
In addition to the standard MIPI CSI-2 signals, the following three
additional outputs are provided:
1. XRST: this can be used to reset the image sensor
2. XSHUTDOWN: this pin can be used to put the sensor to a
standby/shutdown mode
3. MCLK: this pin can provide the clock output. It can be used
only for testing the image sensor. For production, use an
external clock generator as clock input for image sensors.
CPU
CX3 has an on-chip 32-bit, 200-MHz ARM926EJ-S core CPU.
The core has direct access to 16 kB of Instruction Tightly
Coupled Memory (TCM) and 8 kB of data TCM. The
ARM926EJ-S core provides a JTAG interface for firmware
debugging.
CX3 offers the following advantages:
■ Integrates 512 KB of embedded SRAM for code and data and
8 kB of instruction cache and data cache.
■ Implements efficient and flexible DMA connectivity between the
various peripherals (such as, USB, CSI-2 Rx, I2S, SPI, and
UART), requiring firmware only to configure data accesses
between peripherals, which are then managed by the DMA
fabric.
■ Allows easy application development on industry-standard
development tools for ARM926EJ-S.
Examples of the CX3 firmware are available with the Cypress
EZ-USB CX3 Development Kit. Software APIs that can be ported
to an external processor are available with the Cypress EZ-USB
CX3 Software Development Kit.
JTAG Interface
CX3’s JTAG interface has a standard five-pin interface to
connect to a JTAG debugger in order to debug firmware through
the CPU-core's on-chip-debug circuitry.
Industry-standard debugging tools for the ARM926EJ-S core
can be used for the CX3 application development.
Other Interfaces
CX3 supports the following serial peripherals:
■ UART
■ I2C
■ I2S
■ SPI
The CYUSB306X Pin List on page 15 shows the details of how
these interfaces are mapped.
UART Interface
The UART interface of CX3 supports full-duplex communication.
It includes the signals noted in Table 1.
The UART is capable of generating a range of baud rates, from
300 bps to 4608 Kbps, selectable by the firmware. If flow control
is enabled, then CX3's UART only transmits data when the CTS
input is asserted. In addition to this, CX3's UART asserts the RTS
output signal, when it is ready to receive data.
I2C Interface
CX3’s I2C interface is compatible with the I2C Bus Specification
Revision 3. This I2C interface is capable of operating only as I2C
master; therefore, it may be used to communicate with other I2C
slave devices. For example, CX3 may boot from an EEPROM
connected to the I2C interface, as a selectable boot option.
CX3’s I2C Master Controller also supports multi-master mode
functionality.
The power supply for the I2C interface is VDDIO1, which is a
separate power domain from the other serial peripherals. This
gives the I2C interface the flexibility to operate at a different
voltage than the other serial interfaces.
Table 1. UART Interface Signals
Signal
Description
TX
Output signal
RX
Input signal
CTS
Flow control
RTS
Flow control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com