Electronic Components Datasheet Search
  English  ▼

X  

CYUSB306X Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 2Page - Cypress Semiconductor CYUSB306X Datasheet HTML 3Page - Cypress Semiconductor CYUSB306X Datasheet HTML 4Page - Cypress Semiconductor CYUSB306X Datasheet HTML 5Page - Cypress Semiconductor CYUSB306X Datasheet HTML 6Page - Cypress Semiconductor CYUSB306X Datasheet HTML 7Page - Cypress Semiconductor CYUSB306X Datasheet HTML 8Page - Cypress Semiconductor CYUSB306X Datasheet HTML 9Page - Cypress Semiconductor CYUSB306X Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 6 of 37
USB Interface
CX3 complies with the following specifications and supports the
following features:
■ Supports USB peripheral functionality compliant with USB 3.0
Specification, Revision 1.0, and is also backward compatible
with the USB 2.0 Specification.
■ As a peripheral, CX3 is capable of SuperSpeed, High-Speed,
and Full-Speed.
■ Supports up to 16 IN and 16 OUT endpoints
■ Supports the USB 3.0 Streams feature
■ As a USB peripheral, CX3 supports USB-attached storage
(UAS), USB Video Class (UVC), and Media Transfer Protocol
(MTP) USB peripheral classes. As a USB peripheral, all other
device classes are supported only in pass-through mode when
handled entirely by a host processor external to the device.
Figure 2. USB Interface Signals
ReNumeration
Because of CX3’s soft configuration, one chip can take on the
identities of multiple distinct USB devices.
When first plugged into USB, CX3 enumerates automatically
with the Cypress Vendor ID (0x04B4) and downloads the
firmware and USB descriptors over the USB interface. The
downloaded firmware executes an electrical disconnect and
connect. CX3 enumerates again, this time as a device defined
by the downloaded information. This patented two-step process,
called ReNumeration, happens instantly when the device is
plugged in.
VBUS Overvoltage Protection
The maximum input voltage on CX3's VUSB pin is 6 V. A charger
can supply up to 9 V on VUSB. In this case, an external
overvoltage protection (OVP) device is required to protect CX3
from damage on VUSB. Figure 3 shows the system application
diagram with an OVP device connected on VUSB. Refer to DC
Specifications on page 17 for the operating range of VUSB.
Note: The VBUS pin of the USB connector should be connected
to the VUSB pin of CX3.
Figure 3. System Diagram with OVP Device For VUSB
EZ-USB CX3
VUSB
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
POWER SUBSYSTEM
EZ-USB CX3
1
8
2
3
4
5
6
7
9
VUSB
GND
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
OVP device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com