Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 26 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 26 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 22Page - Keysight Technologies DSOX6USBH Datasheet HTML 23Page - Keysight Technologies DSOX6USBH Datasheet HTML 24Page - Keysight Technologies DSOX6USBH Datasheet HTML 25Page - Keysight Technologies DSOX6USBH Datasheet HTML 26Page - Keysight Technologies DSOX6USBH Datasheet HTML 27Page - Keysight Technologies DSOX6USBH Datasheet HTML 28Page - Keysight Technologies DSOX6USBH Datasheet HTML 29Page - Keysight Technologies DSOX6USBH Datasheet HTML 30Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
26 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Figure 56. N2820A Series high-sensitivity current probe.
Figure 57. Capturing both zoom out and zoom in view of a cell phone’s
current consumption inside and outside of its sleep state.
Powerful probe solutions and compatibility
Get the most out of your 6000 X-Series oscilloscope by using
Keysight’s complete family of innovative probes and accessories
for your application. The 6000 X-Series supports up to four active
probes simultaneously with its full AutoProbe interface 1.
All 6000 X-Series oscilloscopes come standard with probes for
each channel. The 700-MHz bandwidth, 10-MΩ input passive
probes give you 700-MHz system bandwidth when used in
conjunction with the 6000 X-Series.
Also available is the N2750/51/52A InfiniiMode differential probe
(1.5 to 6 GHz) and N2795A/96A/97A single-ended active probe
for high-signal-fidelity measurements without the high price (1 to
2 GHz).
For ultra-low current measurements on your mobile or IoT
devices, the N2820A Series high sensitivity current probes are the
best solution in the industry. The new N7020A Power Rail Probe
is the industry’s only probe designed and developed to solve your
toughest power integrity problems.
For the most up-to-date and complete information about
Keysight’s probes and accessories, visit our website at
www.keysight.com/ind/scope_probes or refer to the InfiniiVision
Probes and Accessories Data Sheet, Keysight publication number
5968-8153EN.
1. Some restrictions may apply. Contact Keysight for details.
Figure 58. N7020A Power Rail Probe.
Figure 59. N7020A Power Rail Probe vs. standard 10:1 passive probe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com