| Electronic Components Datasheet Search |
|
DSOX6USBH Datasheet(PDF) 12 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX6USBH Datasheet(HTML) 12 Page - Keysight Technologies |
|
12 / 45 page ![]() 12 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet Figure 22. Segmented memory graphical representation. New Standard for Price Performance: Bandwidth, Visualization, and Integration Visualization (Continued) Visualize burst events: Segmented memory — the smart and efficient way Acquisition memory size is an essential oscilloscope specification because it determines the amount of data you can capture in a single acquisition. In general, longer memory is better. However, no memory is always long enough to capture all the signals you need, especially when capturing infrequent anomalies or rare critical serial bus error packets. Also, user interface responsiveness typically slows down dramatically with the long memory operations. Segmented memory acquisition lets you selectively capture and store important signal activity without capturing unimportant signal idle time, with a time stamp of each segment relative to the first trigger event. For example, we have captured 1000 rare glitches over a time span of 128 seconds with 5-GSa/s resolution in Figures 22 through 24. Automatically scrolling through all segments, we found segment 22 at 1.7 seconds after the trigger, segment 61 at 5.3 seconds after trigger, and segment 153 at 14 seconds after the trigger contained some of the worst glitches. The new event lister of time stamps provides quick insight into the time gap between glitches. With traditional unsegmented memory, 640 Gpts of memory is required to do similar analysis. With the 6000 X-Series, you can combine the segmented memory with the color grade and histogram features as well. Figure 23. Segmented memory and color grade. Figure 24. Segmented memory time-tag lister. Figure 25. Segmented memory + serial bus decode + zone trigger. Visualize and isolate burst events: Zone touch trigger and segmented memory The combination of the hardware-based zone touch trigger with the 6000 X-Series’ segmented memory simplifies your debugging tasks. In Figure 25, the 6000 X-Series’ serial bus trigger, zone touch trigger, and segmented memory isolated and captured 200 CAN steering and airbag errors over a 30-second time span at 6.1-MSa/s sampling rate in the segmented memory. This time duration equates to 192 Mpts of traditional memory. Captured error packets are displayed chronologically at the side of the screen in the event lister so you can easily look up time stamps. You can independently save the time stamp information as well. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |