Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 33 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 33 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 29Page - Keysight Technologies DSOX6USBH Datasheet HTML 30Page - Keysight Technologies DSOX6USBH Datasheet HTML 31Page - Keysight Technologies DSOX6USBH Datasheet HTML 32Page - Keysight Technologies DSOX6USBH Datasheet HTML 33Page - Keysight Technologies DSOX6USBH Datasheet HTML 34Page - Keysight Technologies DSOX6USBH Datasheet HTML 35Page - Keysight Technologies DSOX6USBH Datasheet HTML 36Page - Keysight Technologies DSOX6USBH Datasheet HTML 37Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
33 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Performance Characteristics (Continued)
DSOX/MSO 6000 X-Series digital storage/mixed signal oscilloscopes (Continued)
Vertical system digital channels
Digital input channels
16 digital (D0 to D15. Pod 1: D7 ~ D0, Pod 2: D15 ~ D8)
Thresholds
Threshold per pod
Threshold selections
TTL (+1.4 V), 5V CMOS (+2.5 V), ECL (–1.3 V), user-defined (selectable by pod)
User-defined threshold range
± 8.0 V in 10-mV steps
Maximum input voltage
± 40 V peak
Threshold accuracy 1
± (100 mV + 3% of threshold setting)
Maximum input dynamic range
± 10 V about threshold
Minimum voltage swing
500 mVpp
Input impedance
100 kΩ ± 2% at probe tip
Input capacitance
~8 pF
Vertical resolution
1 bit
Horizontal system analog channels
1 GHz
2.5 GHz
4 GHz
6 GHz
Time base range
500 ps/div to 50 s/div
100 ps/div to 50 s/div
100 ps/div to 50 s/div
100 ps/div to 50 s/div
Time base accuracy 1
± 1.6 ppm + aging factor
(1 year: ± 0.5 ppm, 2 years: ± 0.7 ppm, 5 years: ± 1.5 ppm, 10 years: ± 2.0 ppm)
Time base resolution
2.5 ps
Time base delay time
range
Pre-trigger
Greater of 1 screen width or 50 µs
Post-trigger
1 s to 500 s
Channel-to-channel deskew range
± 100 ns
Δ time accuracy (using cursors)
Same channel: ± (time base accuracy x reading) ± (0.0016 x screen width) ± 10 ps
Channel-to-channel: ± (time base accuracy x reading) ± (0.0016 x screen width) ± 15 ps
Modes
Main, zoom, roll, XY
XY
On channels 1 and 2 only. Z blanking on ext trigger input, 1.4 V threshold
Bandwidth: maximum bandwidth. Phase error at 1 MHz: < 0.5 degree
Horizontal system digital channels
Minimum detectable pulse width
2 ns
Channel-to-channel skew
2 ns (typical); 3 ns (maximum)
1. Denotes warranted specifications; All others are typical. Specifications are valid after a 30-minute warm-up period and ± 10 °C from firmware calibration
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com