Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 5 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 5 Page - Keysight Technologies

  DSOX6USBH Datasheet HTML 1Page - Keysight Technologies DSOX6USBH Datasheet HTML 2Page - Keysight Technologies DSOX6USBH Datasheet HTML 3Page - Keysight Technologies DSOX6USBH Datasheet HTML 4Page - Keysight Technologies DSOX6USBH Datasheet HTML 5Page - Keysight Technologies DSOX6USBH Datasheet HTML 6Page - Keysight Technologies DSOX6USBH Datasheet HTML 7Page - Keysight Technologies DSOX6USBH Datasheet HTML 8Page - Keysight Technologies DSOX6USBH Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
05 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Bandwidth
Superior signal integrity with total-cost- of-
ownership leadership 6 GHz, 20 GSa/s
When you choose your next oscilloscope, bandwidth is the most
important specification to consider, as it defines the maximum
frequency content your oscilloscope can acquire. Acquiring
signals with faster edge rates or faster fundamental frequencies
requires higher-bandwidth scopes to make the most accurate
measurements. However, the higher the bandwidth of your
oscilloscope, the higher the price is likely to be.
Sample rate is the second important specification, as it
determines the time span between each acquired sample point,
and it ultimately becomes the limiting factor of the oscilloscope’s
bandwidth. In a modern oscilloscope with Brickwall filter
response, the sample rate must be at least 2.5 times higher the
bandwidth. So a scope with 6-GHz bandwidth requires a sample
rate of at least 15 GSa/s to avoid aliasing.
With the InfiniiVision 6000 X-Series, you can get up to 6-GHz
bandwidth and a 20-GSa/s sampling rate so you can confidently
measure signals with rise times faster than 150 ps or signals with
higher than 2-Gbps NRZ (non-return to zero) data signal rates.
Explore Figures 1 through 4 to see the power extra bandwidth
delivers to your measurements.
Figure 1. Measuring the rise time of a 130-ps rise-time edge (10 to 90%).
The rise time measurement by
– Channel 1 at 6-GHz bandwidth (yellow): 132 ps
– Reference 1 (R1) at 3-GHz bandwidth limit: 196 ps
– Reference 2 (R2) at 1.5-GHz bandwidth limit: 216 ps
Figure 2. An oscilloscope with 1.5-GHz bandwidth captures only the
fundamental frequency of a 2.5-Gbps PRBS signal.
Figure 3. An oscilloscope with 3-GHz bandwidth sees some of the 3rd
harmonic of a 2.5-Gbps PRBS signal.
Figure 4. An oscilloscope with 6-GHz bandwidth sees up to the 5th
harmonic of the 2.5-Gbps PRBS signal. You see the true signal integrity
of your waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com