Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 6 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 6 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 2Page - Keysight Technologies DSOX6USBH Datasheet HTML 3Page - Keysight Technologies DSOX6USBH Datasheet HTML 4Page - Keysight Technologies DSOX6USBH Datasheet HTML 5Page - Keysight Technologies DSOX6USBH Datasheet HTML 6Page - Keysight Technologies DSOX6USBH Datasheet HTML 7Page - Keysight Technologies DSOX6USBH Datasheet HTML 8Page - Keysight Technologies DSOX6USBH Datasheet HTML 9Page - Keysight Technologies DSOX6USBH Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
06 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Bandwidth (Continued)
6 GHz Noise floor: 210 µVrms at 1 mV/div
Accurate signal integrity measurements with an oscilloscope
start with a low noise floor. With an innovative all-new front-end
ASIC, the 6000 X-Series achieves a 210-μVrms noise floor at 1
mV/div for 6-GHz bandwidth or 115-μVrms noise floor at 1 mV/
div for 1-GHz bandwidth, helping you to make the most precise
measurements.
More bandwidth may not be the best solution when you are making
low-noise measurements, as the additional bandwidth captures
additional high-frequency noise along with high-frequency
signal content. To make the best measurements, you need the
appropriate bandwidth for your application. The 6000 X-Series
oscilloscopes have standard hardware bandwidth limit filters in
addition to software low-pass math function filters, so you can
set the best bandwidth for your application.
An added bonus: the new front-end technology allows you to
upgrade bandwidth from any bandwidth point with a simple
software license installation.
Superior form factor: 6 GHz, 6 inches deep
Have you carried around your 6-GHz oscilloscope lately? With the
6000 X-Series, the multi-GHz bandwidth no longer necessitates
enormous size, weight, and power consumption. At only 6 inches
(154 mm) deep and 15 lbs. (6.8 kg), the ultra-compact form
factor consumes a maximum of only 200 watts, so you can enjoy
portability and performance at the same time.
Figure 6. Measuring the noise floor of a 6-GHz scope at 1 mV/div.
Figure 5. The new 6-GHz front-end design.
Figure 7. You can set the hardware bandwidth limit control interface per
channel at any time.
Figure 8. One- gigahertz-per-inch form factor: 6 GHz, 6 inches deep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com