Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 10 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 10 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 6Page - Keysight Technologies DSOX6USBH Datasheet HTML 7Page - Keysight Technologies DSOX6USBH Datasheet HTML 8Page - Keysight Technologies DSOX6USBH Datasheet HTML 9Page - Keysight Technologies DSOX6USBH Datasheet HTML 10Page - Keysight Technologies DSOX6USBH Datasheet HTML 11Page - Keysight Technologies DSOX6USBH Datasheet HTML 12Page - Keysight Technologies DSOX6USBH Datasheet HTML 13Page - Keysight Technologies DSOX6USBH Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Visualization (Continued)
Visualize signal integrity: Optional jitter analysis
and real-time eye diagram analysis
Jitter measurement has become a popular debugging technique.
However, traditional jitter analysis options are often costly and
focused on characterizations that may not be suited for real-time
debugging. The 6000 X-Series DSOX6JITTER option focuses on
real-time debugging for your everyday jitter analysis. Start your
analysis with the dedicated jitter button.
– The integrated oscilloscope feature ensures the best real-
time user debugging experience, unlike a separate software
package
– Flexible clock recovery, supporting
– Constant frequency
– First-order PLL (loop bandwidth)
– Second-order PLL (loop bandwidth and damping factor)
– Explicit clock
– Flexible jitter measurements
– Data TIE
– Clock TIE
– N-period
– Period-period
– + width to + width
– - width to - width
– + duty cycle
– Flexible jitter and jitter component graphical representations
– Jitter measurement histogram
– Displays the distribution of the jitter
– Jitter measurement trend
– Graphically represents the jitter value time-correlated to
the input clock data signal under test
– Smoothing can be applied
– Jitter spectrum
– FFT analysis of the jitter trend to determine the frequency
component of the jitter
Figure 19 is an example of a data TIE (time interval error) analysis
on a 1-Gbp PRBS (pseudo-random bit sequence) signal. The
data TIE measured 50-ps rms TIE jitter. The jitter trend and trend
smoothing plot quickly revealed the injected jitter to be square
periodic jitter. The jitter spectrum plot and frequency peak search
found the main jitter component to be near 500 kHz, contributing
42 ps. The event table also listed higher harmonic components
and their jitter contribution values. Finally, the histogram shape
showed a clear bimodal distribution indicating the presence of
deterministic jitter.
Figure 17. Press the jitter button on the front panel to directly access the
jitter menu.
Figure 18. Clock recovery menu and jitter
measurement menu.
Figure 19. Analyzing periodic jitter (square) on a 1-Gbps PRBS signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com