Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 32 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 32 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 28Page - Keysight Technologies DSOX6USBH Datasheet HTML 29Page - Keysight Technologies DSOX6USBH Datasheet HTML 30Page - Keysight Technologies DSOX6USBH Datasheet HTML 31Page - Keysight Technologies DSOX6USBH Datasheet HTML 32Page - Keysight Technologies DSOX6USBH Datasheet HTML 33Page - Keysight Technologies DSOX6USBH Datasheet HTML 34Page - Keysight Technologies DSOX6USBH Datasheet HTML 35Page - Keysight Technologies DSOX6USBH Datasheet HTML 36Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
32 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
DSOX/MSO 6000 X-Series digital storage/mixed signal oscilloscopes
6000 X-Series specification overview
Half channel bandwidth 1 (–3 dB)
1 GHz
2.5 GHz
4 GHz
6 GHz
Full channel bandwidth 1 (–3 dB)
1 GHz
2.5 GHz
4 GHz
4 GHz
Full channel equivalent time bandwidth 1 (–3 dB)
N/A
N/A
N/A
6 GHz
Calculated rise time (10 to 90%)
≤ 350 ps
≤ 140 ps
≤ 112.5 ps
≤ 75 ps
Input channels
DSOX6002A
2
DSOX6004A
4
MSOX6002A
2 + 16
MSOX6004A
4 + 16
Maximum sample rate
20 GSa/s half channels, 10 GSa/s full channels
Maximum memory depth
Standard 4 Mpts, Standard segment memory
Display size and type
12.1-inch capacitive multi-touch/gesture-enabled display
Waveform update rate
> 450,000 waveforms per second
Typical noise floor at 1 mV/div, 50 Ω
115 μVrms
150 μVrms
150 μVrms
210 μVrms
Vertical system analog channels
Hardware bandwidth
limits
1 MΩ
20 MHz, 200 MHz (selectable per channel)
50 Ω
20 MHz, 200 MHz, 1.5 GHz, 3 GHz (selectable per channel)
Input coupling
AC, DC
Input impedance
Selectable: 1 MΩ ± 1% (14 pF), 50 Ω ± 3%
Input sensitivity range
1 MΩ
1 mV/div to 5 V/div 2 (200 MHz bandwidth limit at ≤ 2 mV/div)
50 Ω
1 mV/div to 1 V/div 2
Vertical resolution
8 bits (measurement resolution is 12 bits with averaging)
Maximum input voltage
1 MΩ
300 Vrms, 400 Vpk; transient overvoltage 1.6 kVpk
Frequency derating (assumes sine wave input): 400 Vpk until 40 kHz
Then derates at 20 db/dec until 6 Vpk
50 Ω
50 Ω: ± 5Vpk max
DC vertical gain accuracy 1
± 3 div: 1.5% of full scale (typical)
± 4 div: 2.5% of full scale (warranted) 2
DC vertical offset accuracy
± 0.1 div ± 2 mV ± 1% of offset setting (valid for an offset of ≤ ± 12 divisions)
Channel-to-channel isolation
≥ 100:1 (DC to 1 GHz), ≥ 30:1 (> 1 GHz)
Offset range
1 MΩ
± 5 V (1 to < 10 mV/div), ± 20 V (10 to ≤ 200 mV/div), ± 100 V (> 200 mV/div)
50 Ω
± 12 div or ± 0.8 V, whichever is smallest (≤ 100 mV/div)
± 12 div or ± 4 V, whichever is smallest (> 100 mV/div)
Dynamic range
1 MΩ
± 8 divisions from center screen (≤ 100 mV/div), 2nd harmonic distortion of - 40 dbc
± 4 divisions from center screen (> 101 mV/div), 2nd harmonic distortion of - 23 dbc
(For a 10:1 probe on the 1 MΩ input, vertical scaling is multiplied by 10)
50 Ω
± 8 divisions from center screen
Noise floor at 50 Ω
1 GHz
2.5 GHz
4 GHz
6 GHz
1 mV/div
115 µVrms
150 µVrms
150 µVrms
210 µVrms
10 mV/div
330 µVrms
355 µVrms
350 µVrms
395 µVrms
100 mV/div
3.15 mVrms
3.25 mVrms
3.20 mVrms
3.35 mVrms
1 V/div
31.5 mVrms
32.5 mVrms
32 mVrms
33.5 mVrms
ESD tolerance
± 2 kV (on input BNCs)
1. Denotes warranted specifications; All others are typical. Specifications are valid after a 30-minute warm-up period and ± 10 °C from firmware calibration
temperature.
2. 1 mV/div is a magnification of 2 mV/div setting. For vertical accuracy calculations, use full scale of 16 mV for 1 mV/div sensitivity setting.
Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com