Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 19 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 19 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 15Page - Keysight Technologies DSOX6USBH Datasheet HTML 16Page - Keysight Technologies DSOX6USBH Datasheet HTML 17Page - Keysight Technologies DSOX6USBH Datasheet HTML 18Page - Keysight Technologies DSOX6USBH Datasheet HTML 19Page - Keysight Technologies DSOX6USBH Datasheet HTML 20Page - Keysight Technologies DSOX6USBH Datasheet HTML 21Page - Keysight Technologies DSOX6USBH Datasheet HTML 22Page - Keysight Technologies DSOX6USBH Datasheet HTML 23Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
19 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Integration (Continued)
Optional mask/limit testing
Whether you are performing pass/fail tests to specified standards
in manufacturing or testing for infrequent signal anomalies,
mask/limit testing (Option DSOX6MASK) can be a valuable
productivity tool. The 6000 X-Series features powerful hardware-
based mask testing and can perform up to 130,000 tests per
second. You can select multiple test criteria, including the ability
to run tests for a specific number of acquisitions, a specified time,
or until detection of a failure. You can set the 6000 X-Series to
beep when the mask fails.
Figure 41. Mask testing of serial data.
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Figure 42. Searching for and navigating to a specific pulse width.
Find events faster with search and navigation
features
Parametric and serial bus search and navigation features come
standard on the 6000 X-Series oscilloscopes. When you are
capturing long, complex waveforms using an oscilloscope’s
acquisition memory, manually scrolling through stored waveform
data to find specific events of interest can be slow and
cumbersome. With automatic search, navigation, and listing,
you can easily set up specific search criteria and then quickly
navigate to “found and marked” events. Available search criteria
include edges, pulse width (time-qualified), rise/fall times (time-
qualified), runt pulses (time- and level-qualified), frequency peaks
(up to 11 peaks), and serial bus frames, packets, and errors. The
side-bar lister gives you an overview of the time tag of each found
event relative to the trigger location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com