Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 41 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 41 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 37Page - Keysight Technologies DSOX6USBH Datasheet HTML 38Page - Keysight Technologies DSOX6USBH Datasheet HTML 39Page - Keysight Technologies DSOX6USBH Datasheet HTML 40Page - Keysight Technologies DSOX6USBH Datasheet HTML 41Page - Keysight Technologies DSOX6USBH Datasheet HTML 42Page - Keysight Technologies DSOX6USBH Datasheet HTML 43Page - Keysight Technologies DSOX6USBH Datasheet HTML 44Page - Keysight Technologies DSOX6USBH Datasheet HTML 45Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
41 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Dual-channel WaveGen — built-in function/arbitrary waveform generator (Specification are typical) (Continued)
Amplitude
Range: Minimum
20 mVpp if |offset| ≤ 0.5 Vpp into Hi-Z 1
10 mVpp if |offset| ≤ 0.5 Vpp into 50 Ω 1
Range: Maximum
10 Vpp except, 9 Vpp if sinc or cardiac, 7.5 Vpp if Gaussian pulse into Hi-Z;
5 Vpp/4.5 Vpp into 50 Ω
Resolution
100 μV or 3 digits, whichever is higher
Accuracy
1.5% (frequency = 1 kHz)
DC offset
Range
± 5 V into Hi-Z, except ± 4 V if sine wave, ± 2.5 V if sinc, cardiac, or Gaussian
pulse into Hi-Z
± 2.5 V into Hi-Z, except ± 2 V if sine wave, ± 1.25 V if sinc, cardiac, or
Gaussian pulse into 50 Ω
Resolution
Larger of 250 uV or 3 digits
Accuracy (waveform modes)
± 1.5% of offset setting ± 1% of amplitude ± 1 mV
Accuracy (DC mode)
± 1.5% of offset setting ± 3 mV
Main output
Impedance
50 Ω typical
Isolation
Not available, main output BNC is grounded
Protection
Overload automatically disables output
Trigger output
Trigger output available on trig-out BNC
Quick action customization key
Quick measure all
Displays a popup containing a snapshot of all the single waveform measurements
Quick measure statistics reset
Resets all measurement statistics and the measurement count
Quick mask statistics reset
Resets mask statistics and counters
Quick histogram statistics reset
Zeros the histogram counters
Quick print
Print the current screen image
Quick save
Saves the current setup, screen image, or data file as specified in the settings menu
Quick email
Emails the current setup, screen image, or data file as specified in the settings menu
Quick recall
Recalls setup, mask, or reference waveform
Quick freeze display
Freezes the display without stopping running acquisitions or unfreezes the display if currently frozen.
Waveform intensity preserved
Quick trigger mode
Toggles the trigger mode between auto and normal
Quick clear display
Clears the display
Display characteristics
Display
12.1-inch capacitive multi-touch/gesture enabled color TFT LCD
Display mode
Zone/zoom/annotation mode and waveform placement mode
Resolution
800 (H) x 600 (V) pixel format (screen area)
Graticules
8 vertical divisions by 10 horizontal divisions with intensity controls
Format
YT and XY
Maximum waveform update rate
> 135,000 wfm/s (real time)
> 450,000 wfm/s (real time max update rate)
Persistence
Off, infinite, variable persistence (100 ms to 60 s)
Intensity gradation
256 intensity levels
1. Sinc, cardiac and Gaussian pulse: ± 1.25 V into Hi-Z; ± 625 mV into 50 Ω.
Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com