Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 39 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 39 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 35Page - Keysight Technologies DSOX6USBH Datasheet HTML 36Page - Keysight Technologies DSOX6USBH Datasheet HTML 37Page - Keysight Technologies DSOX6USBH Datasheet HTML 38Page - Keysight Technologies DSOX6USBH Datasheet HTML 39Page - Keysight Technologies DSOX6USBH Datasheet HTML 40Page - Keysight Technologies DSOX6USBH Datasheet HTML 41Page - Keysight Technologies DSOX6USBH Datasheet HTML 42Page - Keysight Technologies DSOX6USBH Datasheet HTML 43Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
39 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Precision counter/totalizer (Specifications are typical) (option)
Counter
Source
Any analog channel or trigger qualified event
Resolution
10 digits (8 digits for trigger qualified event)
Max frequency
Up to 3.2 GHz (4 GHz typical). With Hi-speed USB 2.0 decoding, 1 GHz (1.2 GHz typical)
Trig-qual events
1/(trigger holdoff time) for trigger qualified events (max 25 MHz, minimum dead time of 40 ns)
Measurement
Frequency, period, totalize
Totalizer
Counter size
64-bit totalizing counter
Edge
Rise or fall
Gating
Positive or negative level. Select from analog channels except the source
Time reference
Internal or external 10 MHz reference clock
Integrated digital voltmeter (Specification are typical) (option)
Source
Analog channels only (1 ~ 4)
Functions
ACrms, DC, DCrms, frequency
Resolution
ACV/DCV: 3 digits
Counter frequency: 5.5 digits
Measuring rate
100 times/second
Auto ranging
Automatic adjustment of vertical amplification to maximize the dynamic range of measurements
Range meter
Graphical display of most recent measurement, plus extreme over the previous 3 seconds
Dual-channel WaveGen — built-in function/arbitrary waveform generator (Specification are typical) (Option)
WaveGen outputs/
Output modes
Two (front-panel BNC connectors)
Both waveform generator outputs can be frequency tracked, amplitude tracked, or completely tracked. Phase adjustable. 1
A generator’s output can be inverted to create a differential signal
Output modes: Normal (continuous) or single-shot (limited to arbitrary, sine, ramp, sine cardinal, exp rise/fall, cardiac,
Gaussian pulse)
Waveforms
Sine, square, ramp, pulse, DC, noise, sine cardinal (sinc), exponential rise, exponential fall, cardiac, Gaussian pulse, and
arbitrary
Modulation
Modulation is available on channel 1 only. Modulation is not available when tracking mode is enabled
Modulation types: AM, FM, FSK
Carrier waveforms: sine, ramp, sine cardinal, exponential rise, exponential fall, and Cardiac.C176
Modulation source: Internal (no external modulation capability)
AM:
Modulation: Sine, square, ramp
Modulation frequency: 1 Hz to 20 kHz
Depth: 0 to 100%
FM:
Modulation: Sine, square, ramp
Modulation frequency: 1 Hz to 20 kHz
Minimum carrier frequency: 10 Hz
Deviation: 1 Hz to carrier frequency or (2e12/carrier frequency), whichever is smaller
FSK:
Modulation: 50% duty cycle square wave
FSK rate: 1 Hz to 20 kHz|
Hop frequency: 2x FSK rate to 10 MHz
1. Only the following combination of wave shapes can be frequency tracked or completely tracked:
a. Sine, ramp, sine cardinal, cardiac, and Gaussian pulse.
b. Square wave, and pulse.
c. Exponential rise and exponential fall.
d. Arbitrary.
Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com