Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 40 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 40 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 36Page - Keysight Technologies DSOX6USBH Datasheet HTML 37Page - Keysight Technologies DSOX6USBH Datasheet HTML 38Page - Keysight Technologies DSOX6USBH Datasheet HTML 39Page - Keysight Technologies DSOX6USBH Datasheet HTML 40Page - Keysight Technologies DSOX6USBH Datasheet HTML 41Page - Keysight Technologies DSOX6USBH Datasheet HTML 42Page - Keysight Technologies DSOX6USBH Datasheet HTML 43Page - Keysight Technologies DSOX6USBH Datasheet HTML 44Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
40 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Dual-channel WaveGen — built-in function/arbitrary waveform generator (Specification are typical) (Continued)
Sine
Frequency range
0.1 Hz to 20 MHz
Amplitude flatness
± 0.5 dB (relative to 1 kHz)
Harmonic distortion
–40 dBc
Spurious (nonharmonics)
–40 dBc
Total harmonic distortion
1%
SNR (50 Ω load, 500 MHz BW)
40 dB (Vpp ≥ 0.1 V); 30 dB (Vpp < 0.1V)
Square wave/pulse
Frequency range
0.1 Hz to 10 MHz
Duty cycle
20 to 80%
Duty cycle resolution
Larger of 1% or 10 ns
Rise/fall time
19 ns (10 to 90%)
Overshoot
< 2%
Asymmetry (at 50% DC)
± 1% ± 5 ns
Jitter (TIE RMS)
500 ps
Ramp/triangle wave
Frequency range
0.1 Hz to 200 kHz
Linearity
1%
Variable symmetry
0 to 100%
Symmetry resolution
1%
Pulse
Frequency range
0.1 Hz to 10 MHz
Pulse width
20 ns minimum
Pulse with resolution
10 ns
Edge time
Fixed at 19 ns (not variable)
Overshoot
< 2%
Noise
Bandwidth
20 MHz typical
Sine cardinal (sinc)
Frequency range
0.1 Hz to 1.0 MHz
Exponential rise/fall
Frequency range
0.1 Hz to 5.0 MHz
Cardiac
Frequency range
0.1 Hz to 200.0 kHz
Gaussian pulse
Frequency range
0.1 Hz to 5.0 MHz
Arbitrary
Waveform length
1 to 8,192 points
Amplitude resolution
10 bits (including sign bit) 1
Repetition rate
0.1 Hz to 12 MHz
Sample rate
100 MSa/s
Filter bandwidth
20 MHz
Frequency
Sine wave and ramp accuracy
130 ppm (frequency < 10 kHz)
50 ppm (frequency > 10 kHz)
Square wave and pulse accuracy
[50 + frequency/200] ppm (frequency < 25 kHz)
50 ppm (frequency ≥ 25 kHz)
Resolution
0.1 Hz or 4 digits, whichever is larger
1. Full resolution is not available at output due to internal attenuator stepping.
Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com