Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBH Datasheet(PDF) 43 Page - Keysight Technologies

Part # DSOX6USBH
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBH Datasheet(HTML) 43 Page - Keysight Technologies

Back Button DSOX6USBH Datasheet HTML 37Page - Keysight Technologies DSOX6USBH Datasheet HTML 38Page - Keysight Technologies DSOX6USBH Datasheet HTML 39Page - Keysight Technologies DSOX6USBH Datasheet HTML 40Page - Keysight Technologies DSOX6USBH Datasheet HTML 41Page - Keysight Technologies DSOX6USBH Datasheet HTML 42Page - Keysight Technologies DSOX6USBH Datasheet HTML 43Page - Keysight Technologies DSOX6USBH Datasheet HTML 44Page - Keysight Technologies DSOX6USBH Datasheet HTML 45Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
43 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Non-volatile storage
Reference waveform display
Four internal waveforms or USB thumb drive. Displays up to 4 reference waveforms simultaneously
Data/file save
Setup/image
Setup (*.scp), 8 or 24-bit bitmap image (*.bmp), PNG 24-bit image (*.png)
Waveform data
CSV data (*.csv), ASCII XY data (*.csv), binary data (*.bin), lister data (*.csv), reference waveform
data (*.h5), multichannel waveform data (*.h5), arbitrary waveform data (*.csv)
Application data
Mask (*.msk), power harmonics data (*.csv), USB signal quality (*.html and *.bmp)
Analysis results (*.csv)
Cursor data, measurement results, histogram statistics, mask test statistics, color grade bin,
search, segmented timestamps
Max USB flash drive size
Supports industry standard flash drives
Set ups without USB flash drive
10 internal setups
Set ups with USB flash drive
Limited by size of USB drive
Included standard with oscilloscope
Calibration
Certificate of calibration, 2-year calibration interval
Probe
One per channel, N2894A 700-MHz passive probe (10:1 attenuation)
N2756A 16-digital-channel MSO cable (1 per oscilloscope included on all MSO models and
DSOX6MSO upgrade option)
Interface language support/built-in help
English, Chinese (simplified and traditional), French, German, Italian, Japanese, Korean, Portuguese,
Russian, and Spanish localized front-panel overlays, interface, and built-in help system
Voice control support
English (American), English (British), English (Indian), Chinese Simplified (Mainland), Chinese
Simplified (Cantonese), Chinese Traditional (Taiwan), Chinese Traditional (Cantonese), French, German,
Italian, Japanese, Korean, Portuguese, Russian, Spanish (Latin America) and Spanish (Castilian)
Power cord
Localized power cord
Front-panel protection
Front-panel cover
Documentation
CD containing localized user’s guide, service guide, and programmer’s manual
Related literature
Publication title
Publication number
Jitter Analysis - Application Note
5991-4000EN
Automotive Serial Bus Testing Using Keysight’s InfiniiVision X-Series and Infiniium S-Series Oscilloscopes - Application Note
5991-4038EN
Physical Layer Testing of the USB 2.0 Serial Bus Using InfiniiVision 6000 X-Series and Infiniium Series Oscilloscopes -
Application Note
5991-4167EN
Evaluating Oscilloscopes for Low-Power Measurements - Application Note
5991-4268EN
InfiniiVision and Infiniium Oscilloscopes - Product Fact Sheet
5991-4273EN
Evaluating Current Probe Technologies for Low-Power Measurements - Application Note
5991-4375EN
Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com