Electronic Components Datasheet Search
  English  ▼

X  

EM78P257 Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
23
Pin 18 can choose P51 or TCC3 only. If MOUSEN is ‘1’, define as an input of TCCB (TCC3). If
MOUSEN is ‘0’, then the choice is decided by TCCBTS of RB.
Pin 17 can choose P50 or TCC4 only. If MOUSEN is ‘1’ and TCC4E of IOC80 is ‘1’ also, then
choose TCC4, otherwise choose P50.
Pin 16 can choose P55 or OSCI only, and the choice is decided by Bit 9,8,7 of CODE option. When
choice is ‘1,1,1’, then Pin 16 is defined as P55, otherwise the status is defined as OSCI.
For EM78P257B
Pin 19 can choose P51 or TCC3 only. If MOUSEN is ‘1’, define as an input of TCCB (TCC3), if
MOUSEN is ‘0’, then the choice is decided by TCCBTS of RB.
Pin 18 can choose P50 or TCC4 only. If MOUSEN is ‘1’ and TCC4E of IOC80 is ‘1’ also, then
choose TCC4, otherwise choose P50.
Pin 17 can choose P55 or OSCI only, and the choice is decided by Bit 9,8,7 of CODE option. When
choice is ‘1,1,1’, then Pin 17 is defined as P55, otherwise the status is defined as OSCI.
1 = Comparator CO1 is on.
For EM78P257A
Pin 18 can choose P51 or CO1 only, and the choice is decided by COIE1 of IOC90.
Pin 17 can choose CIN1+ only.
Pin 16 can choose P55 ,CIN1- or OSCI, and is decided by IOCA0. If CIN1- was not chosen as
comparator1(-) input, then this pin’s status will be decided by Bit 9,8,7 of CODE option. When
choice is ‘1,1,1’, then Pin 16 is defined as P55, otherwise the status is defined as OSCI.
For EM78P257B
Pin 19 can choose P51 or CO1 only, and the choice is decided by COIE1of IOC90.
Pin 18 can choose CIN1+ only.
Pin 17 can choose P55 ,CIN1- or OSCI, and is decided by IOCA0. If CIN1- was not chosen as
comparator1(-) input, then this pin’s status will be decided by Bit 9,8,7 of CODE option. When
choice is ‘1,1,1’, then Pin 17 is defined as P55, otherwise the status is defined as OSCI.
6. IOCA0 ( CO- INPUT Combine sequence)
•There are 16 combinations of the negative inputs of the four comparators.
7
6
5
4
3
2
1
0
-
-
-
-
CI3
CI2
CI1
CI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com