Electronic Components Datasheet Search
  English  ▼

X  

EM78P257 Datasheet(PDF) 63 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 63 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 67Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
63
• The decimal value of its contents determines the number of oscillator cycles indicating that the IR
OUT pin is active. The inactive period of IR OUT can be calculated as follow:
tHigh=(decimal value held in High-time register)/fosco
• Pulse timer Register :The contents of the Low-time and High-time registers which are loaded
alternately into the Pulse timer. When loaded, the Pulse timer contents are decremented by “1” every
oscillator cycle. Upon reaching zero, the Pulse timer will be loaded with the contents of the other
register.
Table 29 TCCX Status Register (2)
7
6
5
4
3
2
1
0
-
TCCBIE
TCCBTS
TCCBTE
-
TCCCIE
TCCCTS
TCCCTE
• Bit 6(TCCBIE) TCCBIF interrupt enable bit.
0: disable TCCBIF interrupt
1: enable TCCBIF interrupt
Table 30 TCCX Control Register
7
6
5
4
3
2
1
0
TCC2E
TCC4E
TCC6E
TCCBE
-
-
-
-
• Bit 4 (TCCBE): Control bit which is used to enable most significant byte of counter
1 = Enable most significant byte of TCCBH.
0 = Disable most significant byte of TCCBH (default value).
Table 31 IR Control Register
7
6
5
4
3
2
1
0
DP1
DP0
MF1
MF0
IRE
HF
LGP
PWM
• Bit7:Bit6 (DP1:DP0) : Duty and Period ratio
DP1
DP0
Ratio
0
0
1:2(default)
0
1
1:3
1
0
1:4
1
1
-
• Bit 5:Bit 4 ( MF1:MF0 ) : Modulated frequency
MF1
MF0
Fosco
0
0
Fosc/1
0
1
-
1
0
Fosc/4
1
1
Fosc/8
• Bit 3(IRE) Infrared Remote Enable bit
0: Disable IRE. Disable H/W Modulator Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com