| Electronic Components Datasheet Search |
|
EM78P257 Datasheet(PDF) 67 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P257 Datasheet(HTML) 67 Page - ELAN Microelectronics Corp |
|
67 / 91 page ![]() EM78P257 OTP ROM This specification is subject to change without prior notice. 07.27.2004 (V1.4) 67 2. Customer ID Register (Word 1) Bit12~Bit0 XXXXXXXXXXXXX • Bit 12~ 0: Customer’s ID code 4.14 Instruction Set Each instruction in the instruction set is a 13-bit word divided into an OP code and one or more operands. Normally, all instructions are executed within one single instruction cycle (one instruction consists of 2 oscillator periods), unless the program counter is changed by instruction "MOV R2,A", "ADD R2,A", or by instructions of arithmetic or logic operation on R2 (e.g. "SUB R2,A", "BS(C) R2,6", "CLR R2", ⋅⋅⋅⋅). In this case, the execution takes two instruction cycles. If for some reasons, the specification of the instruction cycle is not suitable for certain applications, try modifying the instruction as follows : (A) Modify one instruction cycle to consist of 4 oscillator periods. (B) Execute within two instruction cycles the "JMP", "CALL", "RET", "RETL", "RETI" commands, or the conditional skip ("JBS", "JBC", "JZ", "JZA", "DJZ", "DJZA") which were tested to be true. The instructions that are written to the program counter, should also take two instruction cycles. Case (A) is selected by the CODE Option bit, called CLKS. One instruction cycle consists of two oscillator clocks if CLKS is low, and four oscillator clocks if CLKS is high. Note that once 4 oscillator periods within one instruction cycle is selected under Case (A), the internal clock source to TCC will be CLK=Fosc/4 (not Fosc/ 2) as illustrated in Fig.6. In addition, the instruction set has the following features: (1) Every bit of any register can be set, cleared, or tested directly. (2) The I/O register can be regarded as general register. That is, the same instruction can operate on I/O register. The symbol "R" represents a register designator that specifies which one of the registers (including operational registers and general purpose registers) is to be utilized by the instruction. "b" represents a bit field designator that selects the value for the bit which is located in the register "R", and affects the operation. "k" represents an 8 or 10-bit constant or literal value. Table 33 The List of the Instruction Set of EM78P257A/B INSTRUCTION BINARY HEX MNEMONIC OPERATION STATUS AFFECTED 0 0000 0000 0000 0000 NOP No Operation None |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |