Electronic Components Datasheet Search
  English  ▼

X  

EM78P257 Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
27
0: disable CMP2IF interrupt
1: enable CMP2IF interrupt
• Bit 4 (CMP1IE) CMP1IF interrupt enable bit.
0: disable CMP1IF interrupt
1: enable CMP1IF interrupt
• Bit 3 (CMP/PPC) Wake-up by which Interrupt sources.
0: PPC, wake-up by Port 5 input status change. (if enabled)
1: CMP, wake-up by comparators status change. (if enabled)
• Bit 2 (EXIE) EXIF interrupt enable bit.
0: disable EXIF interrupt
1: enable EXIF interrupt
• Bit 1 (ICIE) ICIF interrupt enable bit.
0: disable ICIF interrupt
1: enable ICIF interrupt
• Bit 0 (TCIE) TCIF interrupt enable bit.
0: disable TCIF interrupt
1: enable TCIF interrupt
• Individual interrupt is enabled by setting its associated control bit in the IOCF0 to "1".
• Global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction. Refer to Fig.
10.
• IOCF0 register is both readable and writable.
12. IOC51 ( TCCA Counter )
An eight -bit clock counter. It can be read, written and cleared on any reset condition. When in
Mouse-Mode, it is Up/Down Counter, else it is UP Counter.
13. IOC61 ( TCCBL Counter) /LSB Counter
An eight-bit clock counter is for the least significant byte of TCCBX. TCCBL. It can be read, written
and cleared on any reset condition. When in Mouse-Mode, it is Up/Down Counter; When in IR-Mode,
it is Down Counter, else it is Up Counter.
14. IOC71 (TCCBH Counter) /MSB Counter
An eight -bit clock counter is for the most significant byte of TCCBX. TCCBH. It can be read, written
and cleared on any reset condition. When TCCBE(IOC80) is “0” THEN TCCBH is disable, TCCBE
is”1” then TC CB is 16 bit length counter. When it is in IR-Mode, it is Down Counter, else it is UP
Counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com