| Electronic Components Datasheet Search |
|
EM78P257 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P257 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp |
|
3 / 91 page ![]() EM78P257 OTP ROM This specification is subject to change without prior notice. 07.27.2004 (V1.4) 3 1. GENERAL DESCRIPTION EM78P257A/B is an 8-bit microprocessors with low-power, high speed CMOS technology. It features a 2K*13 bits Electrical One Time Programmable Read Only Memory (OTP -ROM) and provides a protect bit to prevent from intruding on code, as well as 12 Option bits to accommodate user’s requirements. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |