Electronic Components Datasheet Search
  English  ▼

X  

EM78P257 Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
32
Table 5 Usage of Port 5 Input Status Changed Wake-up/Interrupt Function
Usage of Port 5 input status changed Wake-up/Interrupt
(I) Wake-up from Port 5 Input Status Change
(II) Port 5 Input Status Change Interrupt
(a) Before SLEEP
1. Read I/O Port 5 (MOV R5,R5)
1. Disable WDT
2. Execute "ENI"
2. Read I/O Port 5 (MOV R5,R5)
3. Enable interrupt (Set IOCF0.1)
3. Execute "ENI" or "DISI"
4. IF Port 5 change (interrupt)
4. Enable interrupt (Set IOCF0.1)
→ Interrupt vector (3FEH)
5. Execute "SLEP" instruction
(b) After Wake-up
1. IF "ENI"
→ Interrupt vector (3FEH)
2. IF "DISI"
→ Next instruction
4.5 RESET and Wake-up
1. RESET
A RESET is initiated by one of the following events-
(1) Power on reset;
(2) /RESET pin input "low", or
(3) Watch dog timer time-out (if enabled).
The device is kept in aRESET condition for a period of approximately 18ms
1 or 1ms2 (one oscillator start-up timer
period) after the reset is detected. The initial address is 000h.Once the RESET occurs, the following events are
performed.
• The oscillator is running, or will be started.
• The Program Counter (R2) is set to all "0".
• All I/O port pins are configured as input mode (high-impedance state).
• The Watchdog timer and prescaler are cleared.
• When power is switched on, the upper 3 bits of R3 are cleared.
• The bits of the CONT register are set to all "1" except for the Bit 6 (INT flag).
• The bits of the IOCB0 register are set to all "1".
• The IOCC0 register is cleared.
• The bits of the IOCD0 register are set to all "1".
1 NOTE:
VDD=5V, Setup time period = 15.4ms ± 30%.
VDD=3V, Setup time period = 17.6ms ± 30%.
2 NOTE:
VDD=5V, Setup time period = 1.07ms ± 30%.
VDD=3V, Setup time period = 1.22ms ± 30%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com