Electronic Components Datasheet Search
  English  ▼

X  

EM78P257 Datasheet(PDF) 64 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 64 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 61Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 62Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 63Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 64Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 65Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 66Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 67Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 68Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
64
1: Enable IRE. Ignored RB(Bit4(TCCBTE); Bit5(TCCBTS)), and TCCBX set as decrement counter.
Enable H/W Modulator Function.
• Bit 2(HF) High Frequency. When HF = 1; the Low-time part of the generated pulse is modulated with
Frequency Fosco.
• Bit 1(LGP) Long Pulse. When LGP = 1; the contents of the High-time register are ignored. A single
pulse is generated. Its pulse is determined as shown below.
Pulse width = (Contents of Low-time register) x (number of pulse) x (1/Fosco)
If HF = 1; this pulse is modulated with Frequency Fosco (selected by M1,M0).
• Bit 0(PWM) Pulse Width Modulation. When PWM = 1 and LGP = 0, the LSB Counter & MSB Counter
are disabled, a continuous pulse train is generated, and the output signal is actually a PWM
waveform format of PWM.
5. IR mode timing
Number of pulses = 2
IR OUT
CASE 2
Low-time Register = 3
start
start
Fosc
Fosco
IR OUT
CASE 1
Software time
Interrupt to CPU
High-time Register = 2
Fig. 28 CASE 1shows a typical pulse train(DP=00;MF=10;HF=0;LGP=0;PWM=0); CASE 2 shows
the sa me pulse train after being modulated with a frequency of 1/4Fosc
(DP=00 ;MF=10 ;HF=1;LGP=0;PWM=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com