Electronic Components Datasheet Search
  English  ▼

X  

EM78P257 Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
41
INT
ENI/DISI
IOD
RFWR
IOCFRD
IOCFWR
IRQn
IRQm
RFRD
IOCF
/RESET
/IRQn
VCC
RF
CLK
CLK
Q
Q
D
P
R
L
C
_
P
R
L
C
Q
Q
_
D
Fig. 12 Interrupt input circuit
Interrupt sources
Interrupt
occurs
ENI/DISI
STACKACC
STACKR3
RETI
ACC
R3
Fig. 13 Interrupt backup diagram
In EM78P257A/B, each individual interrupt source has its own interrupt vector as depicted in Table 9.
Table 9 Interrupt vector
Interrupt vector
Interrupt status
3EC
Comparator CO4 interrupt
3EE
Comparator CO3 interrupt
3F0
Comparator CO2 interrupt
3F2
Comparator CO1 interrupt
3F4
TCCC overflow interrupt
3F6
TCCB overflow interrupt
3F8
TCCA overflow interrupt
3FA
TCC overflow interrupt
3FC
External interrupt
3FE
Port 5 pin change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com