| Electronic Components Datasheet Search |
|
EM78P257 Datasheet(PDF) 46 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P257 Datasheet(HTML) 46 Page - ELAN Microelectronics Corp |
|
46 / 91 page ![]() EM78P257 OTP ROM This specification is subject to change without prior notice. 07.27.2004 (V1.4) 46 When defining Comparators, refer to the related registers of its operation as shown in Table 13 and Table 14 below. Table 13 Related Control Registers of the Comparators Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x09 CMPCR/IOC90 COIE4/0 COIE3/0 COIE2/0 COIE1/0 CE4/0 CE3/0 CE2/0 CE1/0 0x0A COICS/IOCA0 0 0 0 0 CI3/0 CI2/0 CI1/0 CI0/0 0x0F IMR/IOCF0 CMP4IE/0 CMP3IE/0 CMP2IE/0 CMP1IE/0 PPC/CMP EXIE/0 ICIE/0 TCIE/0 Table 14 Related Status/Data Registers of Comparators Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x09 CMPOUT/R9 CMPOUT4/0 CMPOUT3/0 CMPOUT2/0 CMPOUT1/0 0 TCCCIF/0 TCCBIF/0 TCCAIF/0 0x0F ISR/RF CMP4IF/0 CMP3IF/0 CMP2IF/0 CMP1IF/0 0 EXIF/0 ICIF/0 TCIF/0 4. Interrupt • INT, and CMPXIE must be enable • Interrupt occurs whenever a change takes place on the output pin of the comparators • The actual changes on the pins can be determined by reading the bits CMPOUTX and R9<P7~P4> • CMPXIF, the comparator interrupt flag, can only be cleared by software 5. Wake-Up from SLEEP mode • If enabled, the comparators remains active and the interrupt stays functional during SLEEP mode. • If a mismatch occurs, the interrupt will wake up the device from SLEEP mode. • The power consumption should be taken into consideration for the sake of power saving. • If the function is unemployed during the SLEEP mode, turn off comparators before entering into sleep mode. 4.9 Oscillator 1. Oscillator Modes The EM78P257A/B can be operated in the five different oscillator modes, such as Internal RC oscillator mode (IRC), RC oscillator with Internal capacitor mode(IC),External RC oscillator mode(ERC), High XTAL oscillator mode(HXT), and Low XTAL oscillator mode(LXT). User can select oneof them by programming OSC2,OCS1 and OSC0 in the CODE Option register. Table15 depicts how these five modes are defined. The up-limited operation frequency of crystal/resonator on the different VDDs is listed in Table 16 Table 15 Oscillator Modes defined by OSC2,OSC1 and OSC0 Mode OSC2 OSC1 OSC0 IRC(Internal RC oscillator mode) 1 1 1 IC(Internal C oscillator mode) 1 1 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |