| Electronic Components Datasheet Search |
|
EM78P257 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P257 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp |
|
4 / 91 page ![]() EM78P257 OTP ROM This specification is subject to change without prior notice. 07.27.2004 (V1.4) 4 2. FEATURES • Operating voltage range: 2.3V~5.5V • Operating temperature range: 0 °C~70°C • Operating frequency range: (Base on 2 clocks) * Crystal mode: DC ~ 20MHz/2clks,5V; DC ~ 8MHz/2clks,3V * RC mode: DC ~ 4MHz/2clks,5V; DC ~ 4MHz/2clks,3V • Low power consumption: * less then 1.5 mA at 5V/4MHz * typical of 15 µA, at 3V/32KHz * typical of 1 µA, during the sleep mode • Built-in RC oscillator(4MHz,1MHz,455KHz,32.768KHz) • RC oscillator mode with Internal Capacitor • Programmable oscillator set-up time (1ms:18ms) • Independent Programmable prescaler of WDT. • One configuration register to match the user’s requirements, and provide user’s ID code for customer use • 80 × 8 on chip registers (SRAM, general purpose register) • 2K × 13 on chip ROM • Bi-directional I/O ports. • 8 level stacks for subroutine nesting • 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and overflow interrupt. • 4 sets of comparators. • Easy-implemented IR (Infrared remote control) application circuit. • Easy-implemented MOUSE application circuit. • Power down (SLEEP) mode • Five interrupt sources * TCC overflow interrupt * Input-port status changed interrupt(wake up from the sleep mode) * External interrupt * IR OUT interrupt * Comparators status change interrupt • Programmable free running watchdog timer • 8 programmable pull-high I/O pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |