Electronic Components Datasheet Search
  English  ▼

X  

EM78P257 Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM78P257
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257 Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM78P257 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P257 Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
28
15. IOC81 (TCCC Counter )
An eight -bit clock counter. It can be read, written and cleared on any reset condition. When in
Mouse-Mode, it is Up/Down Counter, else it is UP Counter.
16. IOC91 ( Low-time Register )
The 8-bit Low-time register controls the active or Low period of the pulse.
The decimal value of its contents determines the number of oscillator cycles and verifies that the IR
OUT pin is active. The active period of IR OUT can be calculated as follows:
tLow=(decimal value held in Low-time register)/fosc
17. IOCA1 ( High-time Register )
The 8-bit High-time register controls the inactive or High period of the pulse.
The decimal value of its contents determines the number of oscillator cycles and verifies that the IR
OUT pin is inactive. The inactive period of IR OUT can be calculated as follows:
tHigh=(decimal value held in High-time register)/fosc
18. IOCB1 ( Pulse timer Register )
The contents of the Low-time and High-time register are loaded alternately into the Pulse timer.
When loaded, the contents of Pulse timer are decremented on every oscillator cycle. Upon reaching
zero, the Pulse timer will be loaded with the contents of the other.
4.3 TCC/WDT & Prescaler
There are two 8 -bit counters available as prescalers for the TCC and WDT respectively. The PSR0~PSR2 bits of the
CONT register are used to determine the ratio of the prescaler of TCC. Likewise, the PWR0~PWR2 bits of the
IOCE0 register are used to determine the prescaler of WDT. The prescaler (PSR0~PSR2) will be cleared by the
instructions each time they are written into TCC. The WDT and prescaler will be cleared by the “WDTC” and “SLEP”
instructions. Fig.6 depicts the circuit diagram of TCC/WDT.
• R1(TCC) is an 8-bit timer/counter. The clock source of TCC can be internal clock or external singal input (edge
selectable from the TCC pin). If TCC signal source is from internal clock, TCC will increase by 1 at every instruction
cycle (without prescaler). As illustrated in Fig. 6, selection of CLK=Fosc/2 or CLK=Fosc/4 depends on the CODE
Option bit <CLKS>. CLK=Fosc/2 is selected if the CLKS bit is "0", and CLK=Fosc/4 is selected if the CLKS bit is
"1". If TCC signal source is from external clock input, TCC will increase by 1 at every falling edge or rising edge of
the TCC pin.
• The watchdog timer is a free running on-chip RC oscillator. The WDT will keep on running even after the oscillator
driver has been turned off (i.e. in sleep mode). During the normal operation or the sleep mode, a WDT time-out (if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com