Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 3Page - Linear Technology LTM2889 Datasheet HTML 4Page - Linear Technology LTM2889 Datasheet HTML 5Page - Linear Technology LTM2889 Datasheet HTML 6Page - Linear Technology LTM2889 Datasheet HTML 7Page - Linear Technology LTM2889 Datasheet HTML 8Page - Linear Technology LTM2889 Datasheet HTML 9Page - Linear Technology LTM2889 Datasheet HTML 10Page - Linear Technology LTM2889 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTM2889
7
2889fa
For more information www.linear.com/LTM2889
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VISO
Rated Dielectric Insulation Voltage
1 Second (Notes 7, 8, 9)
3000
VRMS
1 Minute, Derived from 1 Second Test (Note 9)
2500
VRMS
Common Mode Transient Immunity
LTM2889-3 VCC = 3.3V, LTM2889-5
VCC = 5.0V, VL = ON = 3.3V,
ΔV(GND2-GND) = 1kV, Δt = 33ns (Note 3)
30
50
kV/µs
VIORM
Maximum Working Insulation Voltage
(Notes 3,10)
560
400
VPEAK,
VDC
VRMS
Partial Discharge
VPD = 1060 VPEAK (Note 7)
5
pC
CTI
Comparative Tracking Index
IEC 60112 (Note 3)
600
VRMS
Depth of Erosion
IEC 60112 (Note 3)
0.017
mm
DTI
Distance Through Insulation
(Note 3)
0.06
mm
Input to Output Resistance
(Notes 3, 7)
109
Ω
Input to Output Capacitance
(Notes 3, 7)
6
pF
Creepage Distance
(Notes 3, 7)
9.5
mm
ISOLATION CHARACTERISTICS T
A = 25°C
Note 1. Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3. Not tested in production.
Note 4. This module includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature exceeds 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating temperature
may result in device degradation or failure.
Note 5. TXD must make a high to low transition after this time to assert a
bus dominant state.
Note 6. Pin capacitance given for reference only and is not tested in
production.
Note 7. Device considered a 2-terminal device. Pin group A1 through B8
shorted together and pin group K1 through L8 shorted together.
Note 8. The Rated Dielectric Insulation Voltage should not be interpreted
as a continuous voltage rating.
Note 9. In accordance with UL1577, each device is proof tested for the
2500VRMS rating by applying an insulation test voltage of 3000VRMS for 1
second.
Note 10. Maximum Working Insulation Voltage is for continuous or
repeated voltage applied across the isolation boundary. Refer also to
relevant equipment level safety specifications which may reduce VIORM
depending on application conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com