Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 6Page - Linear Technology LTM2889 Datasheet HTML 7Page - Linear Technology LTM2889 Datasheet HTML 8Page - Linear Technology LTM2889 Datasheet HTML 9Page - Linear Technology LTM2889 Datasheet HTML 10Page - Linear Technology LTM2889 Datasheet HTML 11Page - Linear Technology LTM2889 Datasheet HTML 12Page - Linear Technology LTM2889 Datasheet HTML 13Page - Linear Technology LTM2889 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTM2889
10
2889fa
For more information www.linear.com/LTM2889
2889 TC06
1/2 VL
tENRSRX
RXD
LOW
HIGH
0.6VCC2
0.9VCC2
RS
LOW
HIGH
1/2 VL
tSHDNRX
VCC
RXD
VCC
VL
VL
RXD
TXD
ON
PVCC
15pF
LTM2889
CANH
CANL
RS
RS
GND2
GND
GND
S RE
SPLIT
47µF
0.1µF
500
1.5V
+
–
V
Figure 6. RXD Enable and Disable Timing from Shutdown
Figure 5. Receiver Output Enable and Disable Timing
2889 TC05
1/2 VL
tZLR
tLZR
RXD
LOW
HIGH
1/2 VL
1/2 VL
RE
LOW
HIGH
1/2 VL
VCC
RXD
VCC
VL
VL
RXD
TXD
ON
PVCC
15pF
LTM2889
CANH
CANL
RS
RE
GND2
GND
GND
S RE
SPLIT
47µF
0.1µF
500
1.5V
+
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com