Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 15Page - Linear Technology LTM2889 Datasheet HTML 16Page - Linear Technology LTM2889 Datasheet HTML 17Page - Linear Technology LTM2889 Datasheet HTML 18Page - Linear Technology LTM2889 Datasheet HTML 19Page - Linear Technology LTM2889 Datasheet HTML 20Page - Linear Technology LTM2889 Datasheet HTML 21Page - Linear Technology LTM2889 Datasheet HTML 22Page - Linear Technology LTM2889 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LTM2889
19
2889fa
For more information www.linear.com/LTM2889
APPLICATIONS INFORMATION
faults even with the loss of GND2 or VCC2 (GND2 open
faults are not tested in production). In the case of VCC2
shorted to GND2, the transceiver is off and the bus pins
remain in the high impedance state.
±36V Extended Common Mode Range
TheLTM2889CANBusreceiverfeaturesanextendedcom-
mon mode operating range of –36V to 36V with respect to
GND2 when operating from a 5V VCC2 supply, and –25V
to 25V when operating from a 3.3V VCC2 supply. The wide
common mode increases the reliability of operation in
environments with high common mode voltages created
by electrical noise or local ground potential differences
between bus nodes on the isolated side of the network
due to ground loops. This extended common mode range
allows the LTM2889 to transmit and receive under condi-
tions that would cause data errors and possible device
damage in competing products.
±25kV ESD Protection
The LTM2889 features exceptionally robust ESD protec-
tion. The transceiver interface pins (CANH, CANL, SPLIT)
feature protection with respect to GND2 to ±25kV HBM
without latchup or damage, during all modes of operation
or while unpowered. The LTM2889 features ±10kV HBM
protection across the isolation barrier for discharges be-
tween any one of the interface pins (CANH, CANL, SPLIT,
VCC2, GND2) and any one of the supply pins referenced
to GND (VCC, PVCC, VL, GND).
4Mbps Operation
TheLTM2889featuresahighspeedreceiverandtransmitter
capable of operating up to 4Mbps. In order to operate at
this data rate, the transmitter must be set at its maximum
slew rate by pulling the RS pin low to GND2 with no more
than 4k of resistance, including the output impedance of
the buffer driving the RS input (see RS Pin and Variable
Slew Rate Control below).
CAN Bus Driver
The driver provides full CAN compatibility. When TXD is
low with the chip enabled (RS low), the dominant state is
asserted on the CAN bus lines (subject to the TXD timeout
tTOTXD); the CANH driver pulls high and the CANL driver
pulls low. When TXD is high and RS is low, the driver is
in the recessive state; both the CANH and CANL drivers
are in the Hi-Z state and the bus termination resistor
equalizes the voltage on CANH and CANL. In the recessive
state, the impedance on CANH and CANL is determined
by the receiver input resistance, RIN. When RS is high the
transceiver is in shutdown; the CANH and CANL drivers
are in the Hi-Z state, and the receiver input resistance RIN
is disconnected from the bus by a FET switch.
Transmit Dominant Timeout Function
The LTM2889 CAN transceiver includes a 2ms (typical)
timer to limit the time that the transmitter can hold the
bus in the dominant state. If TXD is held low, a dominant
state is asserted on CANH and CANL until the TXD timer
times out at tTOTXD, after which the transmitter reverts to
the recessive state. The timer is reset when TXD is brought
high. The transmitter asserts a dominant state upon the
next TXD low.
2889 F12
tTOTXD
VDIFF
TXD
BUS
RECESSIVE
CANH
CANL
DOMINANT
TRANSMITTER
DISABLED
TRANSMITTER
ENABLED
TIME
Driver Overvoltage, Overcurrent, and Overtemperature
Protection
The driver outputs are protected from short circuits to any
voltagewithintheabsolutemaximumrangeof–60Vto60V
with respect to GND2. The driver includes a progressive
foldback current limiting circuit that continuously reduces
thedrivercurrentlimitwithincreasingoutputfaultvoltage.
The fault current is typically ±10mA for fault voltages of
±60V. Refer to the "Driver Output Current vs Differential
OutputVoltage(Dominant)"plotintheTypicalPerformance
Characteristics section.
Figure 12. Transmitter Dominant Timeout Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com