Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 26 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 22Page - Linear Technology LTM2889 Datasheet HTML 23Page - Linear Technology LTM2889 Datasheet HTML 24Page - Linear Technology LTM2889 Datasheet HTML 25Page - Linear Technology LTM2889 Datasheet HTML 26Page - Linear Technology LTM2889 Datasheet HTML 27Page - Linear Technology LTM2889 Datasheet HTML 28Page - Linear Technology LTM2889 Datasheet HTML 29Page - Linear Technology LTM2889 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LTM2889
26
2889fa
For more information www.linear.com/LTM2889
Figure 20. Low EMI Demo Board Layout (DC1746A), Inner Layer 2
Figure 21. Low EMI Demo Board Layout (DC1746A), Bottom Layer
APPLICATIONS INFORMATION
Figure 22. Low EMI Demo Board Emissions
DETECTOR = QPEAK
RBW = 120kHz
VBW = 300kHz
SWEEP TIME = 17s
# OF POINTS = 501
CISPR 22 CLASS B LIMIT
DC1903A–A
DC1903A–B
FREQUENCY (MHz)
0 100 200 300 400 500 600 700 800 900 1000
–30
–20
–10
0
10
20
30
40
50
60
2889 F22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com