Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 13Page - Linear Technology LTM2889 Datasheet HTML 14Page - Linear Technology LTM2889 Datasheet HTML 15Page - Linear Technology LTM2889 Datasheet HTML 16Page - Linear Technology LTM2889 Datasheet HTML 17Page - Linear Technology LTM2889 Datasheet HTML 18Page - Linear Technology LTM2889 Datasheet HTML 19Page - Linear Technology LTM2889 Datasheet HTML 20Page - Linear Technology LTM2889 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTM2889
17
2889fa
For more information www.linear.com/LTM2889
OVERVIEW
The LTM2889 isolated CAN μModule transceiver provides
a galvanically-isolated robust CAN interface, powered by
an integrated, regulated DC/DC converter, complete with
decoupling capacitors. The LTM2889 is ideal for use in
networks where grounds can take on different voltages.
Isolation in the LTM2889 blocks high voltage differences,
eliminates ground loops and is extremely tolerant of com-
mon mode transients between ground planes. Error-free
operation is maintained through common mode events
greater than 30kV/μs providing excellent noise isolation.
Isolator µModule Technology
The LTM2889 utilizes isolator μModule technology to
translate signals and power across an isolation barrier.
Signalsoneithersideofthebarrierareencodedintopulses
and translated across the isolation boundary using core-
less transformers formed in the μModule substrate. This
system, complete with data refresh, error checking, safe
shutdown on fail, and extremely high common mode im-
munity, provides a robust solution for bidirectional signal
isolation. The μModule technology provides the means to
combinetheisolatedsignalingwithmultipleregulatorsand
a powerful isolated DC/DC converter in one small package.
DC/DC Converter
The LTM2889 contains a fully integrated DC/DC converter,
including the transformer, so that no external components
are necessary. The logic side contains a full-bridge driver,
runningat2MHz,andisAC-coupledtoasingletransformer
primary. A series DC blocking capacitor prevents trans-
former saturation due to driver duty cycle imbalance. The
transformer scales the primary voltage, and is rectified
by a full-wave voltage doubler. This topology allows for a
single diode drop, as in a center tapped full-wave bridge,
andeliminatestransformersaturationcausedbysecondary
imbalances. The DC/DC converter is connected to a low
dropout regulator (LDO) to provide a regulated 5V output.
APPLICATIONS INFORMATION
VCC2 Output
The on-board DC/DC converter provides isolated 5V
power to output VCC2. VCC2 is capable of supplying up
to 750mW of power at 5V in the LTM2889-5 option and
up to 500mW of power in the LTM2889-3 option. This
power is available to external applications. The amount
of surplus current is dependent upon the implementation
and current delivered to the CAN driver and line load.
An example of available surplus current is shown in the
Typical Performance Characteristics graph, VCC2 Surplus
Current vs Temperature. VCC2 is bypassed internally with
a 10µF capacitor.
3.3V VCC2 Output
The VCC2 supply may be adjusted to an output voltage of
3.3V by connecting a resistor divider between VCC2, the
ADJ pin, and GND2 as shown in Figure 10. Operating the
CAN transceiver at 3.3V reduces PVCC current and may
reduce EMI when used in a system with other 3.3V CAN
transceivers. For a 5V VCC2 output no resistor divider is
used, and the ADJ pin should be left unconnected.
Figure 10. Adjusting VCC2 for 3.3V Output.
2889 F10
VCC
TXD
RXD
VCC
PVCC
VL
LTM2889
VCC2
ADJ
GND2
GND
GND
S RE
GND2
13.0k
56.2k
3.3V
PVCC Power Supply
The integrated DC/DC converter is powered by separate
PVCC supply pins. In typical operation, PVCC is con-
nected to the same supply as VCC. The LTM2889 may be
operated with an external isolated supply powering the
isolated CAN transceiver instead of the internal converter.
This is accomplished by applying an external source of
isolated power between the VCC2 and GND2 pins, and dis-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com