Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 20Page - Linear Technology LTM2889 Datasheet HTML 21Page - Linear Technology LTM2889 Datasheet HTML 22Page - Linear Technology LTM2889 Datasheet HTML 23Page - Linear Technology LTM2889 Datasheet HTML 24Page - Linear Technology LTM2889 Datasheet HTML 25Page - Linear Technology LTM2889 Datasheet HTML 26Page - Linear Technology LTM2889 Datasheet HTML 27Page - Linear Technology LTM2889 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTM2889
24
2889fa
For more information www.linear.com/LTM2889
• For large ground planes a small capacitance (≤ 330pF)
from GND to GND2, either discrete or embedded within
the substrate, provides a low impedance current return
path for the module parasitic capacitance, minimizing
anyhighfrequencydifferentialvoltagesandsubstantially
reducing radiated emissions. Discrete capacitance will
not be as effective due to parasitic ESL. In addition, volt-
age rating, leakage, and clearance must be considered
for component selection. Embedding the capacitance
within the PCB substrate provides a near ideal capacitor
and eliminates component selection issues; however,
the PCB must be 4 layers. Care must be exercised in
applying either technique to insure the voltage rating
of the barrier is not compromised. The PCB layout in
Figures 17-21 show the low EMI demo board for the
LTM2889. The demo board uses a combination of EMI
mitigation techniques, including both embedded PCB
bridge capacitance and discrete GND to GND2 capaci-
tors (C3 + C4). Two safety rated type Y2 capacitors are
used in series, manufactured by Murata, part number
GA342QR7GF471KW01L. The embedded capacitor
effectively suppresses emissions above 400MHz,
whereas the discrete capacitors are more effective be-
low 400MHz. EMI performance is shown in Figure 22,
measuredusingaGigahertzTransverseElectromagnetic
(GTEM) cell and method detailed in IEC 61000-4-20,
“Testing and Measurement Techniques – Emission
and Immunity Testing in Transverse Electromagnetic
Waveguides.”
RF, MAGNETIC FIELD IMMUNITY
TheisolatorμModuletechnologyusedwithintheLTM2889
hasbeenindependentlyevaluated,andsuccessfullypassed
the RF and magnetic field immunity testing requirements
per European Standard EN 55024, in accordance with the
following test standards:
APPLICATIONS INFORMATION
EN61000-4-3Radiated,Radio-Frequency,Electromagnetic
Field Immunity
EN 61000-4-8 Power Frequency Magnetic Field Immunity
EN 61000-4-9 Pulse Magnetic Field Immunity
Tests were performed using an unshielded test card de-
signed per the data sheet PCB layout recommendations.
Specific limits per test are detailed in Table 3.
Table 3.
TEST
FREQUENCY
FIELD STRENGTH
EN61000-4-3 Annex D
80MHz to 16Hz
10V/m
1.4MHz to 2Hz
3V/m
2MHz to 2.7Hz
1V/m
EN61000-4-8 Level 4
50MHz to 60Hz
30A/m
EN61000-4-8 Level 5
60Hz
100A/m*
EN61000-4-9 Level 5
Pulse
100A/m
*Non IEC method
Operation Above 105°C (LTM2889H)
Operation of the H temperature grade LTM2889H above
105°C is limited by the internal power dissipation of the
module,anddependsonthePVCCvoltagerangeoption,the
externalICC2loadcurrent,andwhethertheCANtransceiver
is on or off. Refer to the Typical Performance Character-
istics chart labeled Derating for 125°C Maximum Internal
Operating Temperature on page 13. The CAN transceiver
of the LTM2889H may operate up to 125°C if VCC2 is
supplied by an external power supply and the PVCC pins
are grounded. Refer to PVCC Power Supply on page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com