Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 12Page - Linear Technology LTM2889 Datasheet HTML 13Page - Linear Technology LTM2889 Datasheet HTML 14Page - Linear Technology LTM2889 Datasheet HTML 15Page - Linear Technology LTM2889 Datasheet HTML 16Page - Linear Technology LTM2889 Datasheet HTML 17Page - Linear Technology LTM2889 Datasheet HTML 18Page - Linear Technology LTM2889 Datasheet HTML 19Page - Linear Technology LTM2889 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTM2889
16
2889fa
For more information www.linear.com/LTM2889
BLOCK DIAGRAM
CANH
ADJ
VCC2
CANL
GND2
GND
RE
RXD
ON
S
TXD
1µF
VL
VCC
PVCC
1µF
2.2µF
10µF
= ISOLATED SIDE COMMON
2889 BD01
= LOGIC SIDE COMMON
RS
4.7nF
SPLIT
ISOLATED
COMM
INTERFACE
ISOLATED
COMM
INTERFACE
CAN TXD
CAN RXD
ISOLATED
DC/DC
CONVERTER
5V REG
(ADJUSTABLE)
Figure 9. LTM2889 Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com