Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 18Page - Linear Technology LTM2889 Datasheet HTML 19Page - Linear Technology LTM2889 Datasheet HTML 20Page - Linear Technology LTM2889 Datasheet HTML 21Page - Linear Technology LTM2889 Datasheet HTML 22Page - Linear Technology LTM2889 Datasheet HTML 23Page - Linear Technology LTM2889 Datasheet HTML 24Page - Linear Technology LTM2889 Datasheet HTML 25Page - Linear Technology LTM2889 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTM2889
22
2889fa
For more information www.linear.com/LTM2889
In addition to full compliance with the ISO 11898-2 stan-
dard, LTM2889 meets the more stringent requirements
of ISO 11898-5 for bus driver symmetry. This requires
that the common mode voltage stay within the limits not
only during the static dominant and recessive states, but
during the bit transition states as well. Ultra-high speed
peak detect circuits are used during manufacturing test
to ensure that VSYM limits are not exceeded at any point
during the switching cycle.
The high frequency content may be reduced by choosing
a lower data rate and a slower slew rate for the signal
transitions. The LTM2889 CAN transceiver provides an
approximate 20 to 1 reduction in slew rate, with a cor-
responding decrease in the high frequency content. The
lowest slew rate is suitable for data communication at
200kbps or below, while the highest slew rate supports
4Mbps. The slew rate limit circuit maintains consistent
control of transmitter slew rates across voltage and
temperature to ensure predictable performance under all
operatingconditions.Figure16demonstratesthereduction
in high frequency content of the common mode voltage
achieved by the lowest slew rate compared to the highest
slew rate when operating at 200kbps.
APPLICATIONS INFORMATION
Figure 16. Power Spectrum of Common Mode Voltage Showing
High Frequency Reduction of Lowest Slew Rate (RSL = 200k)
Compared to Highest Slew Rate (RSL = 0)
500kHz/DIV
0dB
0dB
20dB/DIV
20dB/DIV
2889 F16
RSL = 0
RSL = 200k
SPLIT Pin Output for Split Termination Support
Split termination is an optional termination technique
to reduce common mode voltage perturbations that
can produce EME. A split terminator divides the single
line-end termination resistor (nominally 120Ω) into two
series resistors of half the value of the single termination
resistor (Figure 2). The center point of the two resistors
is connected to a low impedance voltage source that sets
the recessive common mode voltage.
Split termination suppresses common mode voltage
perturbations by providing a low impedance load to com-
mon mode noise sources such as transmitter noise or
coupling to external noise sources. In the case of single
resistor termination, the only load on a common mode
noise source is the parallel impedance of the input resis-
tors of the CAN transceivers on the bus. This results in a
common mode impedance of several kilohms for a small
network.Thesplittermination,ontheotherhand,provides
a common mode load equal to the parallel resistance of
the two split termination resistors, or ¼ the resistance of
the single termination resistor (30Ω). This low common
mode impedance results in a reduction of the common
mode noise voltage compared to the much higher com-
mon mode impedance of the single resistor termination.
The SPLIT pin on the LTM2889 provides a buffered volt-
age to bias the mid-point of the split termination resistors.
The voltage on the SPLIT pin matches the common mode
voltage established by the transmitter in the dominant
state and the receiver input resistor bias during the reces-
sive state: 2.5V when VCC2 = 5V and 1.95V when VCC2 =
3.3V. SPLIT is decoupled to GND2 with an internal 4.7nF
capacitor to lower the AC impedance to better suppress
fast transients. SPLIT is a high voltage fault tolerant output
that tolerates the same ±60V overvoltage faults and ±25kV
ESD discharges as CANH and CANL.
OnedisadvantageoftheSPLITterminationishigherpower
supply current if the two terminating transceivers differ in
their common mode voltage due to differences in VCC2 or
GND2 potential or to chip to chip variations in the internal
reference voltages. This will result in the transceiver with
the higher common mode voltage sourcing current into
the bus lines through its SPLIT pin, while the transceiver
with the lower common mode voltage will sink current
through its SPLIT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com