Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 3 Page - Linear Technology

  LTM2889 Datasheet HTML 1Page - Linear Technology LTM2889 Datasheet HTML 2Page - Linear Technology LTM2889 Datasheet HTML 3Page - Linear Technology LTM2889 Datasheet HTML 4Page - Linear Technology LTM2889 Datasheet HTML 5Page - Linear Technology LTM2889 Datasheet HTML 6Page - Linear Technology LTM2889 Datasheet HTML 7Page - Linear Technology LTM2889 Datasheet HTML 8Page - Linear Technology LTM2889 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTM2889
3
2889fa
For more information www.linear.com/LTM2889
ELECTRICAL CHARACTERISTICS
ORDER INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
VCC
Supply Voltage
l
3.0
5.5
V
ICC
Supply Current
OFF: ON = 0V
l
0
10
µA
ON = VL
l
3.1
5
mA
PVCC
Supply Voltage, Isolated Power Converter
LTM2889-3
l
3.0
3.3
3.6
V
LTM2889-5
l
4.5
5.0
5.5
V
PICC
Supply Current, Isolated Power Converter,
(VCC2 External Load Current ILOAD = 0)
OFF: ON = 0V
l
0
10
µA
Recessive: ON = VL,
TXD = VL and/or S = VL
LTM2889-3
l
34
60
mA
LTM2889-5
l
32
50
mA
Dominant: ON = VL,
TXD = S = 0
LTM2889-3
l
140
225
mA
LTM2889-5
l
94
130
mA
VL
Logic Supply Voltage
l
1.62
3.3
5.5
V
IL
Logic Supply Current
OFF: ON = 0V, TXD = VL
l
0
10
µA
Recessive: ON = VL, TXD = VL
l
0
10
µA
Dominant: ON = VL, TXD = S = 0V
l
6
50
µA
VCC2
Regulated VCC2 Output Voltage to GND2
No Load, TXD = VL
l
4.75
5.0
5.25
V
ILOAD = 100mA, TXD = VL
LTM2889-3
l
4.75
5.0
5.25
V
ILOAD = 150mA, TXD = VL
LTM2889-5
l
4.75
5.0
5.25
V
VCC2-3.3V
Regulated VCC2 Output Voltage to GND2, 3.3V
Output
No Load, (Fig. 10)
l
3.1
3.3
3.5
V
ILOAD = 100mA, (Fig. 10)
LTM2889-3
l
3.0
3.3
3.5
V
ILOAD = 150mA, (Fig. 10)
LTM2889-5
l
3.0
3.3
3.5
V
VCC2 Short Circuit Current
VCC2 = 0V, TXD = VL
200
mA
The l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, the following conditions apply:
PVCC = VCC = 3.3V for the LTM2889-3, PVCC = VCC = 5V for the LTM2889-5, VL = 3.3V, GND = GND2 = S = RE = RS = 0V, ON = VL.
Figure 10 applies for VCC2 = 3.3V; otherwise ADJ is floating. Figure 1 applies with RL = 60Ω and dominant mode measurements are
taken prior to TXD dominant timeout (t < tTOTXD). (Note 2)
PART NUMBER
PAD OR BALL FINISH
PART MARKING
PACKAGE
TYPE
MSL
RATING
INPUT VOLTAGE
RANGE
TEMPERATURE
RANGE
DEVICE
FINISH CODE
LTM2889CY-3#PBF
SAC305 (RoHS)
LTM2889Y-3
e1
32-Lead
BGA
3
3V to 3.6V
0°C to 70°C
LTM2889IY-3#PBF
3V to 3.6V
–40°C to 85°C
LTM2889HY-3#PBF
3V to 3.6V
–40°C to 125°C
LTM2889CY-5#PBF
LTM2889Y-5
4.5V to 5.5V
0°C to 70°C
LTM2889IY-5#PBF
4.5V to 5.5V
–40°C to 85°C
LTM2889HY-5#PBF
4.5V to 5.5V
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping
container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM2889#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com