Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 22Page - Linear Technology LTM2889 Datasheet HTML 23Page - Linear Technology LTM2889 Datasheet HTML 24Page - Linear Technology LTM2889 Datasheet HTML 25Page - Linear Technology LTM2889 Datasheet HTML 26Page - Linear Technology LTM2889 Datasheet HTML 27Page - Linear Technology LTM2889 Datasheet HTML 28Page - Linear Technology LTM2889 Datasheet HTML 29Page - Linear Technology LTM2889 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTM2889
30
2889fa
For more information www.linear.com/LTM2889
LINEAR TECHNOLOGY CORPORATION 2016
LT 0317 REV A • PRINTED IN USA
www.linear.com/LTM2889
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC2875
±60V, ±25kV ESD, Fault Protected 3.3V or
5V 25kV ESD High Speed CAN Transceiver
Protected from Overvoltage Line Faults to ±60V, ±25kV ESD, up to 4Mbps
LTM2881
Complete Isolated RS485/RS422 µModule
Transceiver + Power
Integrated Selectable Termination, 20Mbps, ±15kV ESD, 2500VRMS Isolation with
Power
LTM2882
Dual Isolated RS232 µModule Transceiver
+ Power
1Mbps, ±10kV ESD, 2500VRMS Isolation with Power
LTM2883
SPI/Digital or I2C µModule Isolator with
Integrated DC/DC Converter
2500VRMS Isolation with Adjustable ±12.5V and 5V Power in BGA Package
2889 TA02
LTM2889-3
TXD
RXD
ON
S
RE
VCC,
PVCC
VL
VDD
VCCA
GND2
GND
A
GND
CANH
120
CANL
µC
+
CAN
120
LTM2889-3
TXD
RXD
ON
S
RE
VCC,
PVCC
VL
VDD
VCCB
GND2
GND
B
GND
CANH
CANL
µC
+
CAN
LTM2889-5
TXD
RXD
ON
S
RE
VCC,
PVCC
VL
VDD
VCCC
GND2
GND
C
GND
CANH
CANL
CABLE
SHIELD OR
GND WIRE
µC
+
CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com