Electronic Components Datasheet Search
  English  ▼

X  

LTM2889 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM2889
Description  Isolated CAN FD 關Module Transceiver and Power
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2889 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM2889 Datasheet HTML 22Page - Linear Technology LTM2889 Datasheet HTML 23Page - Linear Technology LTM2889 Datasheet HTML 24Page - Linear Technology LTM2889 Datasheet HTML 25Page - Linear Technology LTM2889 Datasheet HTML 26Page - Linear Technology LTM2889 Datasheet HTML 27Page - Linear Technology LTM2889 Datasheet HTML 28Page - Linear Technology LTM2889 Datasheet HTML 29Page - Linear Technology LTM2889 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTM2889
27
2889fa
For more information www.linear.com/LTM2889
TYPICAL APPLICATIONS
Figure 23. Point-to-Point Isolated CAN Communications on an Unshielded Twisted Pair
Figure 24. Using the LTM2889 as a Dedicated Isolated 5V Supply
LTM2889
VCCA
CANH
CANL
GND2
60
60
GND
A
SPLIT
2889 F23
VCC,
PVCC
VL
TXD
ON
S
RXD
RE
LTM2889
VCCB
CANH
CANL
GND2
60
60
GND
B
SPLIT
VCC,
PVCC
VL
TXD
ON
S
RXD
RE
2889 F24
LTM2889
3.3V (LTM2889-3) OR
5V (LTM2889-5)
5V OUTPUT
AVAILABLE CURRENT:
150mA (LTM2889-5)
100mA (LTM2889-3)
TXD
RXD
ON
S
RE
VCC,
PVCC
VL
VCC2
GND2
GND
PWR
CANH
CANL
ON
OFF
Figure 25. Supplying VCC2 From an External Supply
2889 F25
LTM2889
ANY VOLTAGE FROM
1.62V TO 5.5V
3V TO 5.5V
POWER INPUT:
3.3V or 5V AT
60mA
RXD
TXD
ON
S
RE
VCC
VL
VCC2
GND2
GND
CAN
CONTROLLER
GND
VDD
CANH
CANL
120
LOGIC INTERFACE LEVELS: GND TO VL
PVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com